Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U2-D-400-12-HA4C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # D1U2-D-400-12-HA4C
Description  54mm 1U Front End DC-DC Power Supply Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U2-D-400-12-HA4C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  D1U2-D-400-12-HA4C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U2-D-400-12-HA4C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U2-D-400-12-HA4C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U2-D-400-12-HA4C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U2-D-400-12-HA4C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U2-D-400-12-HA4C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D1U2-D-400-12-HA4C
54mm 1U Front End DC-DC Power Supply Converter
CPS_D1U2-D-400-12-HA4C.A04 Page 3 of 6
www.murata-ps.com/support
EMISSIONS AND IMMUNITY
Characteristic
Standard
Compliance
Conducted Emissions
FCC 47 CFR Part 15/CISPR 22/EN55022
Class B
ESD Immunity
IEC/EN 61000-4-2
Level 3 criteria A
Radiated Field Immunity
IEC/EN 61000-4-3
Level 3 criteria B
Electrical Fast Transients/Burst Immunity
IEC/EN 61000-4-4
Level 3 criteria B
Surge Immunity
IEC/EN 61000-4-5
Level 2 criteria A
Radiate Field Conducted Immunity
IEC/EN 61000-4-6
Level 3 criteria A
Magnetic Field Immunity
IEC/EN 61000-4-8
3 A/m criteria B
DC OUTPUT CONNECTOR AND SIGNALS
The DC Output Connector is a TYCO MINIPAK HDL Connector TYCO P/N: 1926734-1. Mating pin sequencing shall be 12V_RTN first, 12V second, signals third and PSKILL_L signal
last. PSKILL_L is the last to mate and first to break and is used as a power supply output enable for the 12V rail.
Mating Part: TYCO PN 1-1926739-8
Power Supply Output Connector Isometric and Front Views
Front Connector View Looking at Blades and Pins (view looking in at rear of power supply)


Similar Part No. - D1U2-D-400-12-HA4C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
2013
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C_V01 Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
2013
More results

Similar Description - D1U2-D-400-12-HA4C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54 MURATA-PS-D1U54 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
D1U54P MURATA-PS-D1U54P Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HC4PC MURATA-D1U54P-W-1200-12-HC4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com