Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-250-3L-B-15 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # PV-250-3L-B-15
Description  XL Photovoltaic fuse links
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-250-3L-B-15 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  PV-250-3L-B-15 Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-250-3L-B-15 Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-250-3L-B-15 Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-250-3L-B-15 Datasheet HTML 4Page - Cooper Bussmann, Inc. PV-250-3L-B-15 Datasheet HTML 5Page - Cooper Bussmann, Inc. PV-250-3L-B-15 Datasheet HTML 6Page - Cooper Bussmann, Inc. PV-250-3L-B-15 Datasheet HTML 7Page - Cooper Bussmann, Inc. PV-250-3L-B-15 Datasheet HTML 8Page - Cooper Bussmann, Inc. PV-250-3L-B-15 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Technical Data 10201
Effective September 2015
Bussmann series
XL Photovoltaic fuse links
EATON www.eaton.com
Dimensions - mm
Bolted - size 01XL
Bolted - size 1XL
Adapter
131 MAX
45.0±1.5
±2.0
163,8
149,8±1.6
187,2±2.0


Similar Part No. - PV-250-3L-B-15

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-250ANH2 COOPER-PV-250ANH2 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
PV-250ANH2 ETC1-PV-250ANH2 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
More results

Similar Description - PV-250-3L-B-15

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
   XL Fuse bases for XL Style photovoltaic fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
   14 x 65 mm Photovoltaic fuse links
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com