Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN16512SM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN16512SM
Description  Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN16512SM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  SCAN16512SM Datasheet HTML 1Page - National Semiconductor (TI) SCAN16512SM Datasheet HTML 2Page - National Semiconductor (TI) SCAN16512SM Datasheet HTML 3Page - National Semiconductor (TI) SCAN16512SM Datasheet HTML 4Page - National Semiconductor (TI) SCAN16512SM Datasheet HTML 5Page - National Semiconductor (TI) SCAN16512SM Datasheet HTML 6Page - National Semiconductor (TI) SCAN16512SM Datasheet HTML 7Page - National Semiconductor (TI) SCAN16512SM Datasheet HTML 8Page - National Semiconductor (TI) SCAN16512SM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Connection Diagram
20026603
Top View
See NS Package Number SLC64A
Truth Table
Function Table (Note 1)
Inputs
Outputs
OEAB
LEAB
CLKAB
A
B
LL
L
X
B
0 (Note 2)
LL
LL
LL
HH
LH
X
L
L
LH
X
H
H
H
XXX
Z
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial (HIGH or LOW, inputs may not float)
Z = High Impedance
Note 1: A-to-B data flow is shown. B-to-A data flow is similar, but uses OEBA, LEBA, and CLKBA.
Note 2: Output level before the indicated steady-state input conditions were established.
Functional Description
In the normal mode, these devices are 16-bit universal bus
transceivers that combine D-type latches and D-type flip-
flops to allow data flow in transparent, latched, or clocked
modes. They can be used as two 8-bit transceivers, or as
one 16-bit transceiver. The test circuitry can be activated by
the TAP to take snapshot samples of the data appearing at
the device pins or to perform a self test on the boundary-test
cells. Activating the TAP may affect the normal functional
operation of the universal bus transceivers. When the TAP is
activated, the test circuitry performs boundary-scan test op-
erations according to the protocol described in IEEE Std
1149.1-1990.
Data flow in each direction is controlled by output-enable
(OEAB and OEBA), latch-enable (LEAB and LEBA), and
clock (CLKAB and CLKBA) inputs. For A-to-B data flow, the
devices operate in the transparent mode when LEAB is high.
When LEAB is low, the A data is latched while CLKAB is held
at a static low or high logic level. Otherwise, if LEAB is low,
A data is stored on a low-to-high transition of CLKAB. When
OEAB is LOW, the B outputs are active. When OEAB is
HIGH, the B outputs are in the high-impedance state. B-to-A
data flow is similar to A-to-B data flow but uses the OEBA,
LEBA, and CLKBA inputs.
Five dedicated test pins are used to observe and control the
operation of the test circuitry: test data input (TDI), test data
output (TDO), test mode select (TMS), test clock (TCK), and
test reset (TRST). All testing and scan operations are syn-
chronized to the TAP interface.
For details about the sequence of boundary scan cells in the
SCAN16512, please refer to the BSDL (Boundary Scan
Description Language) file available on our website.
www.national.com
3


Similar Part No. - SCAN16512SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results

Similar Description - SCAN16512SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
National Semiconductor ...
SCAN16602 NSC-SCAN16602 Datasheet
132Kb / 9P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE-R Outputs
logo
Texas Instruments
SN74ALVC16501 TI1-SN74ALVC16501 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ACTQ16245 NSC-54ACTQ16245 Datasheet
72Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16500 NSC-54ABT16500 Datasheet
113Kb / 8P
   18-Bit Universal Bus Transceivers with TRI-STATE Outputs
logo
Texas Instruments
SNJ54ABT16245WD TI-SNJ54ABT16245WD Datasheet
299Kb / 12P
[Old version datasheet]   54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
logo
National Semiconductor ...
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
54ACTQ16646 NSC-54ACTQ16646 Datasheet
92Kb / 8P
   16-Bit Transceiver/Register with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com