Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1646-Z Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1646-Z
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1646-Z Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1646-Z Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1646-Z Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SA1646-Z
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCE(sat)-1NOTE
Collector-Emitter Saturation Voltage
IC= -6A; IB= -0.3A
-0.3
V
VCE(sat)-2NOTE
Collector-Emitter Saturation Voltage
IC= -8A; IB= -0.4A
-0.5
V
VBE(sat)-1NOTE
Base-Emitter Saturation Voltage
IC= -6A; IB= -0.3A
-1.2
V
VBE(sat)-2NOTE
Base-Emitter Saturation Voltage
IC= -8A; IB= -0.4A
-1.5
V
ICBO
Collector Cutoff Current
VCB= -100V ; IE= 0
-10
μ
A
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-10
μ
A
hFE-1NOTE
DC Current Gain
IC= -0.5A ; VCE= -2V
100
hFE-2NOTE
DC Current Gain
IC= -2A ; VCE= -2V
100
400
hFE-3NOTE
DC Current Gain
IC= -6A ; VCE= -2V
60
COB
Output Capacitance
IE=0; VCB= -10V;ftest= 1.0MHz
250
pF
fT
Current-Gain—Bandwidth Product
IC= -0.5A ; VCE= -10V
150
MHz
Switching times
ton
Turn-on Time
IC= -6A ,RL= 8.3Ω,
IB1= -IB2= -0.3A,VCC= -50V
0.1
μ
s
tstg
Storage Time
1.0
μ
s
tf
Fall Time
0.1
μ
s
NOTE:Pulse test PW≤350us,duty cycle ≤2%
hFE-2 Classifications
M
L
K
100-200
150-300
200-400


Similar Part No. - 2SA1646-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1646-Z NEC-2SA1646-Z Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SA1646-Z RENESAS-2SA1646-Z Datasheet
219Kb / 6P
   Silicon Power Transistor
More results

Similar Description - 2SA1646-Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com