Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-50A-01XL-15 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PV-50A-01XL-15
Description  XL Photovoltaic fuse links
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-50A-01XL-15 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PV-50A-01XL-15 Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-50A-01XL-15 Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-50A-01XL-15 Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-50A-01XL-15 Datasheet HTML 4Page - Cooper Bussmann, Inc. PV-50A-01XL-15 Datasheet HTML 5Page - Cooper Bussmann, Inc. PV-50A-01XL-15 Datasheet HTML 6Page - Cooper Bussmann, Inc. PV-50A-01XL-15 Datasheet HTML 7Page - Cooper Bussmann, Inc. PV-50A-01XL-15 Datasheet HTML 8Page - Cooper Bussmann, Inc. PV-50A-01XL-15 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Technical Data 10201
Effective September 2015
Supersedes August 2014
Product description
Eaton’s Bussmann series range of XL package
fuse links is specifically designed to protect and
isolate photovoltaic array combiners and
disconnects.These fuse links are capable of
interrupting low overcurrents associated with
faulted PV systems (reverse current, multi-array
fault).
Standard features
Global accreditations
Compatible with Eaton’s Bussmann series
PV XL bases range (see data sheet 10066)
Bussmann series
XL Photovoltaic fuse links
BUSSMANN
SERIES


Similar Part No. - PV-50A-01XL-15

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-50ANH1 COOPER-PV-50ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
PV-50ANH1 ETC1-PV-50ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
More results

Similar Description - PV-50A-01XL-15

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
   XL Fuse bases for XL Style photovoltaic fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
   14 x 65 mm Photovoltaic fuse links
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com