Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTR016V0500 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # PTR016V0500
Description  16 Volt DC Radial Leaded, PolyTron??PTC Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PTR016V0500 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  PTR016V0500 Datasheet HTML 1Page - Cooper Bussmann, Inc. PTR016V0500 Datasheet HTML 2Page - Cooper Bussmann, Inc. PTR016V0500 Datasheet HTML 3Page - Cooper Bussmann, Inc. PTR016V0500 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.001
0.01
0.1
1
10
100
1000
1
10
100
F ault Current (A )
G:PTR016V0300
H:PTR016V0400
I:PTR016V0500
J:PTR016V0600
K:PTR016V0700
L:PTR016V0800
M:PTR016V0900
N:PTR016V1000
O:PTR016V1100
P:PTR016V1200
Q:PTR016V1300
R:PTR016V1400
S:PTR016V1500
G
H
I
J
K
L
M
N O P Q
R S
1011
BU-SB111164
Page 3 of 4
Data Sheet 4399
Time-to-Trip Curves at 23°C - 3.0-15A
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
-40
-20
0
20406080
T em perature (°C)
Thermal Derating Curve
Recommended Wave Solder Profile
Material Composition
• Lead material:
- PTR016V0090-PTR016V0250 Tin-plated copper clad steel
- PTR016V0300-PTR016V1500 Tin-plated copper
• Insulating material: Cured epoxy resin meeting UL 94V0 requirements
No te 1
No te 3
No te 2
Co o lin g
So ld e rin g
130 ± 200°C
Tam b
t
Tim e
P reheatin g
30~90sec
<1 se c
<10sec
260°C max
Environmental Specifications
Characteristic
Value
Operating Temperature Range
-40°C to +85°C
Surface Temperature Trip State
125°C max.
Thermal Shock
+85°C to -40°C , 10 cycles,
5% typical resistance change
Solvent Resistance
MIL-STD-202 Method 215, no change
Humidity Age Test
+85°C, 85% R.H., 1000 hours
±5% typical resistance change.
Specified temperature (23°C ± 3°C)
Storage Temperature Range
-10°C to +40°C
Storage Duration
One year
Storage Relative Humidity
<
_75%
Storage Conditions
Keep away from corrosive atmosphere and sunlight
Recommended Reworking Conditions with Soldering Iron
• Soldering Iron Tip Temperature: 360°C max.
• Solder Time: 3 seconds max.
• Distance from Thermistor: 2mm min.
Notes:
1. (1-3)°C/sec
2. Approximately 200°C/sec
3. 5°C/sec Maximum


Similar Part No. - PTR016V0500

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTR016V0500 EATON-PTR016V0500 Datasheet
470Kb / 4P
   16 Volt DC radial leaded, PolyTron??PTC devices
More results

Similar Description - PTR016V0500

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTR016V EATON-PTR016V Datasheet
470Kb / 4P
   16 Volt DC radial leaded, PolyTron??PTC devices
PTR060V EATON-PTR060V Datasheet
540Kb / 4P
   60 Volt DC radial leaded, PolyTron??PTC devices
PTR030V EATON-PTR030V Datasheet
458Kb / 4P
   30 Volt DC radial leaded, PolyTron??PTC devices
logo
Cooper Bussmann, Inc.
PTR030V0090 COOPER-PTR030V0090 Datasheet
468Kb / 4P
   30 Volt DC Radial Leaded, PolyTron??PTC Devices
PTR060V0010 COOPER-PTR060V0010 Datasheet
478Kb / 4P
   60 Volt DC Radial Leaded, PolyTron??PTC Devices
PTS080524V010 COOPER-PTS080524V010 Datasheet
1Mb / 6P
   6-24 Volt DC surface mount PolyTron??PTC devices
PTS181233V110 COOPER-PTS181233V110 Datasheet
401Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron PTC Devices
PTS120660V005 COOPER-PTS120660V005 Datasheet
448Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron??PTC Devices
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com