Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-80A-01XL Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PV-80A-01XL
Description  XL Photovoltaic fuse links
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-80A-01XL Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PV-80A-01XL Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-80A-01XL Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-80A-01XL Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-80A-01XL Datasheet HTML 4Page - Cooper Bussmann, Inc. PV-80A-01XL Datasheet HTML 5Page - Cooper Bussmann, Inc. PV-80A-01XL Datasheet HTML 6Page - Cooper Bussmann, Inc. PV-80A-01XL Datasheet HTML 7Page - Cooper Bussmann, Inc. PV-80A-01XL Datasheet HTML 8Page - Cooper Bussmann, Inc. PV-80A-01XL Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Technical Data 10201
Effective September 2015
Bussmann series
XL Photovoltaic fuse links
EATON www.eaton.com
Catalogue symbol
1000 V d.c.: Bladed PV-(amp rating)A-(size)XL
Bolted PV-(amp rating)A-(size)XL-B
1500 V d.c: Bladed PV-(amp rating)A-(size)XL-15
Bolted PV-(amp rating)A-(size)XL-B-15
Fuse size
01XL, 1XL, 2XL and 3L
Technical data
Rated voltage: 1000, 1100, 1200, 1500 V d.c.
Rated current: 50 to 600 A
Breaking capacity:
1000 V d.c.
Size 01 and 3: 50kA
Size 1 and 2: 33kA
1500 V d.c. : 30kA
Time constant: 1-3 mS
Class of operation: gPV and UL PV fuse links
Minimum interrupting rating: 2 x I
n
Standards/Approvals
IEC 60269-6
UL 2579 (file number E335324)
RoHS compliant
Microswitches
For bladed fuse links
170H0235 or 170H0237 for 01XL
170H0236 or 170H0238 for 1XL, 2XL and 3L
For bolted fuse links
170H0069 for all sizes
Fuse holders (ordered separately)
SB1XL-S (suitable for size 01 and 1XL)
SB2XL-S (suitable for 2XL)
SB3L-S (suitable for 3L)
Packaging
MOQ: 1
Table 1. Technical data 1000 V d.c.
Catalogue numbers
Fuse
size
Current
(amps)
Voltage
(V d.c.)
Energy integrals
I2t (A2S)
Watts
loss
Bladed
Bolted
Pre-
arcing
Total at
1000V
0.8I
n
I
n
PV-63A-01XL
PV-63A-01XL-B
01
63
1000
260
1900
13
24
PV-80A-01XL
PV-80A-01XL-B
01
80
1000
490
3600
17
29
PV-100A-01XL
PV-100A-01XL-B
01
100
1000
870
6300
18
32
PV-125A-01XL
PV-125A-01XL-B
01
125
1000
1930
13900
20
40
PV-160A-01XL
PV-160A-01XL-B
01
160
1000
3900
28100
22
44
PV-200A-1XL
PV-200A-1XL-B
1
200
1000
9400
27260
31
60
PV-160A-2XL
PV-160A-2XL-B
2
160
1000
2780
21000
25
44
PV-200A-2XL
PV-200A-2XL-B
2
200
1000
4950
37000
28
50
PV-250A-2XL
PV-250A-2XL-B
2
250
1000
9450
70000
34
60
PV-315A-2XL
PV-315A-2XL-B
2
315
1000
16600
123000
40
66
PV-355A-2XL
PV-355A-2XL-B
2
355
1000
26000
192000
42
68
PV-350A-3L
PV-350A-3L-B
3
350
1000
31000
161200
40
65
PV-400A-3L
PV-400A-3L-B
3
400
1000
44500
231400
48
82
PV-500A-3L
PV-500A-3L-B
3
500
1000
85000
442000
50
85
PV-600A-3L
PV-600A-3L-B
3
600
1000
137000
712400
80
108
Table 2. Technical data 1500 V d.c.
Catalogue numbers
Fuse
size
Current
(amps)
Voltage
(Vdc)
Energy integrals
I2t (A2S)
Watts
loss
Bladed
Bolted
Pre-
arcing
Total at
1000V
0.8I
n
I
n
PV-50A-01XL-15
PV-50A-01XL-B-15
01
50
1500
175
1000
14
25
PV-63A-01XL-15
PV-63A-01XL-B-15
01
63
1500
362
2250
15
26
PV-80A-01XL-15
PV-80A-01XL-B-15
01
80
1500
565
3300
19
35
PV-100A-01XL-15
PV-100A-01XL-B-15
01
100
1500
1100
6600
22
40
PV-125A-01XL-15
PV-125A-01XL-B-15
01
125
1500
2200
10500
23
42
PV-160A-01XL-12
PV-160A-01XL-B-15
01
160
1200
5000
24000
26
52
PV-100A-1XL-15
PV-100A-1XL-B-15
1
100
1500
1250
6000
24
43
PV-125A-1XL-15
PV-125A-1XL-B-15
1
125
1500
1950
9360
25
52
PV-160A-1XL-15
PV-160A-1XL-B-15
1
160
1500
4200
20160
30
58
PV-200A-1XL-15
PV-200A-1XL-B-15
1
200
1500
9400
45120
31
61
PV-125A-2XL-15
PV-125A-2XL-B-15
2
125
1500
2200
15000
25
44
PV-160A-2XL-15
PV-160A-2XL-B-15
2
160
1500
5000
32000
29
48
PV-200A-2XL-15
PV-200A-2XL-B-15
2
200
1500
8800
51000
32
57
PV-250A-2XL-15
PV-250A-2XL-B-15
2
250
1500
16600
85000
40
70
PV-250-3L-15
PV-250-3L-B-15
3
250
1500
22300
92000
32
50
PV-315A-3L-15
PV-315A-3L-B-15
3
315
1500
38000
160000
36
66
PV-355A-3L-15
PV-355A-3L-B-15
3
355
1500
44500
184000
44
80
PV-400A-3L-15
PV-400A-3L-B-15
3
400
1500
58000
240000
49
91


Similar Part No. - PV-80A-01XL

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-80ANH1 COOPER-PV-80ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
PV-80ANH1 ETC1-PV-80ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
More results

Similar Description - PV-80A-01XL

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
   XL Fuse bases for XL Style photovoltaic fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
   14 x 65 mm Photovoltaic fuse links
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com