Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP1900 Datasheet(PDF) 8 Page - Texas Instruments

Part # VSP1900
Description  CCD VERTICAL DRIVER FOR DIGITAL CAMERAS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP1900 Datasheet(HTML) 8 Page - Texas Instruments

Back Button VSP1900_16 Datasheet HTML 4Page - Texas Instruments VSP1900_16 Datasheet HTML 5Page - Texas Instruments VSP1900_16 Datasheet HTML 6Page - Texas Instruments VSP1900_16 Datasheet HTML 7Page - Texas Instruments VSP1900_16 Datasheet HTML 8Page - Texas Instruments VSP1900_16 Datasheet HTML 9Page - Texas Instruments VSP1900_16 Datasheet HTML 10Page - Texas Instruments VSP1900_16 Datasheet HTML 11Page - Texas Instruments VSP1900_16 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SUBN
SUB
100 ∼ 1000 pF
TG
VSP1900
SUB
V#N
V#
V#
CH#N
CH#
V#
CCD
CCD Drain Bias
SUB
1 M
VSP1900
SLES062A – MARCH 2003 – REVISED JUNE 2012
www.ti.com
DESCRIPTION
The VSP1900 is a CCD vertical clock driver with electric shutter. The VSP1900 is composed of five 3-state and
three 2-state vertical transfer channels, which support both 3 field and 2 field CCD operation. The VSP1900
contributes low power consumption and parts number reduction in the system.
OPERATION
Power On/Off Sequence
This is the same as the CCD power up sequence, when power on, VDD powers on first VH, VM powers on
second, and VL powers on later. When powering off, VL powers off first, VH, VM powers off second, and VDD
powers off later.
Vertical Transfer Signal
The VSP1900 receives signals from TG (CCD timing generator). The input signal is converted into the operating
voltage levels of the CCD by the level shifter. The level shifter circuits connect to a 2-state or 3-state driver,
which is connected to the CCD input pin. While using a 2-field CCD, one of the 3-state drivers is used as a 2-
state driver. The CH#N pin is pulled up internally, so that the VH level does not appear on the output pin.
Figure 2. VSP1900 Circuit Application
Spacer
REVISION HISTORY
Changes from Original (March 2003) to Revision A
Page
Changed the last sentence of the Description From: "part number reduction in the system." To: " device count
reduction in the system. ........................................................................................................................................................ 1
Deleted the Tape and reel option from the Ordering Information Table ............................................................................... 2
Changed the Package temperature value From 2.35°C to 260°C ....................................................................................... 2
Added Table Note " Specified by Design" to the MIN and MAX columns of the ELECTRICAL CHARACTERISTICS
and SWITCHING CHARACTERISTICS. .............................................................................................................................. 3
Changed the Truth Table ...................................................................................................................................................... 6
8
Copyright © 2003–2012, Texas Instruments Incorporated


Similar Part No. - VSP1900_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP1900DBT BURR-BROWN-VSP1900DBT Datasheet
140Kb / 9P
   CCD VERTICAL DRIVER FOR DIGITAL CAMERAS
VSP1900DBTR BURR-BROWN-VSP1900DBTR Datasheet
140Kb / 9P
   CCD VERTICAL DRIVER FOR DIGITAL CAMERAS
More results

Similar Description - VSP1900_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP1900 BURR-BROWN-VSP1900 Datasheet
140Kb / 9P
   CCD VERTICAL DRIVER FOR DIGITAL CAMERAS
logo
Analog Devices
ADDI9023 AD-ADDI9023 Datasheet
189Kb / 12P
   Vertical Driver for CCD Cameras
REV. 0
logo
Sony Corporation
CXA1690Q SONY-CXA1690Q Datasheet
284Kb / 18P
   Head Amplifier for Digital CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com