Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA2612 Datasheet(PDF) 2 Page - Texas Instruments

Part # VCA2612
Description  Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2612 Datasheet(HTML) 2 Page - Texas Instruments

  VCA2612_14 Datasheet HTML 1Page - Texas Instruments VCA2612_14 Datasheet HTML 2Page - Texas Instruments VCA2612_14 Datasheet HTML 3Page - Texas Instruments VCA2612_14 Datasheet HTML 4Page - Texas Instruments VCA2612_14 Datasheet HTML 5Page - Texas Instruments VCA2612_14 Datasheet HTML 6Page - Texas Instruments VCA2612_14 Datasheet HTML 7Page - Texas Instruments VCA2612_14 Datasheet HTML 8Page - Texas Instruments VCA2612_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
VCA2612
2
SBOS117C
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VDDA = VDDB = VDDR = +5V, load resistance = 500Ω on each output to ground, MGS = 011, LNP = 22dB and fIN = 5MHz, unless otherwise noted.
The input to the preamp (LNP) is single-ended, and the output from the VCA is single-ended unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply (+VS) ............................................................................. +6V
Analog Input ............................................................. –0.3V to (+VS + 0.3V)
Logic Input ............................................................... –0.3V to (+VS + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ...................................................... –40
°C to +150°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
MARKING
NUMBER
MEDIA, QUANTITY
VCA2612Y
TQFP-48
PFB
VCA2612Y
VCA2612Y/250
Tape and Reel, 250
"""
"
VCA2612Y/2K
Tape and Reel, 2000
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
VCA2612Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PREAMPLIFIER
Input Resistance
600
k
Input Capacitance
15
pF
Input Bias Current
1nA
CMRR
f = 1MHz, VCACNTL = 0.2V
50
dB
Maximum Input Voltage
Preamp Gain = +5dB
1
VPP
Preamp Gain = +25dB
112
mVPP
Input Voltage Noise(1)
Preamp Gain = +5dB
3.5
nV/
√Hz
Preamp Gain = +25dB
1.25
nV/
√Hz
Input Current Noise
Independent of Gain
0.35
pA/
√Hz
Noise Figure, RS = 75Ω, RIN = 75Ω(1)
RF = 550Ω, Preamp Gain = 22dB,
6.2
dB
PGA Gain = 39dB
Bandwidth
Gain = 22dB
80
MHz
PROGRAMMABLE VARIABLE GAIN AMPLIFIER
Peak Input Voltage
Differential
2
VPP
–3dB Bandwidth
40
MHz
Slew Rate
300
V/
µs
Output Signal Range
RL ≥ 500Ω Each Side to Ground
2
VPP
Output Impedance
f = 5MHz
1
Output Short-Circuit Current
±40
mA
Third Harmonic Distortion
f = 5MHz, VOUT = 1VPP, VCACNTL = 3.0V
–45
–71
dBc
Second Harmonic Distortion
f = 5MHz, VOUT = 1VPP, VCACNTL = 3.0V
–45
–63
dBc
IMD, Two-Tone
VOUT = 2VPP, f = 1MHz
–80
dBc
VOUT = 2VPP, f = 10MHz
–80
dBc
1dB Compression Point
f = 5MHz, Output Referred, Differential
6
VPP
Crosstalk
VOUT = 1VPP, f = 1MHz, Max Gain Both Channels
68
dB
Group Delay Variation
1MHz < f < 10MHz, Full Gain Range
±2ns
DC Output Level, VIN = 0
2.5
V
ACCURACY
Gain Slope
10.9
dB/V
Gain Error
±1(2)
dB
Output Offset Voltage
±50
mV
Total Gain
VCACNTL = 0.2V
18
21
24
dB
VCACNTL = 3.0V
47
50
53
dB
GAIN CONTROL INTERFACE
Input Voltage (VCACNTL) Range
0.2 to 3.0
V
Input Resistance
1M
Response Time
45dB Gain Change, MGS = 111
0.2
µs
POWER SUPPLY
Operating Temperature Range
–40
+85
°C
Specified Operating Range
4.75
5.0
5.25
V
Power Dissipation
Operating, Both Channels
410
495
mW
Thermal Resistance,
θ
JA
TQFP-48
56.5
°C/W
NOTE: (1) For preamp driving VGA. (2) Referenced to best fit dB-linear curve.


Similar Part No. - VCA2612_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2612Y BURR-BROWN-VCA2612Y Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results

Similar Description - VCA2612_14

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Burr-Brown (TI)
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com