Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VCA824IDG4 Datasheet(PDF) 14 Page - Texas Instruments

Part No. VCA824IDG4
Description  Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

VCA824IDG4 Datasheet(HTML) 14 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Frequency(MHz)
0
20
40
60
80
100
V =+1V
G
V =1V
O
PP
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
6
4
2
0
-2
-4
-6
Time(40ns/div)
InputVoltage
LeftScale
OutputVoltage
RightScale
A
=+10V/V
VMAX
V =+1V
G
1.65
1.60
1.55
1.50
1.45
1.40
GainControlVoltage(V)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
10MHz
20MHz
1MHz
VCA824
SBOS394D – NOVEMBER 2007 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics: VS = ±5 V, AVMAX = 10 V/V (continued)
At TA = 25°C, RL = 100 Ω, RF = 402 Ω, RG = 80 Ω, VG = 1 V, and VIN = single-ended input on +VIN with –VIN at ground, unless
otherwise noted.
Figure 42. Group Delay vs Gain Control Voltage
Figure 41. Output Limited Overdrive Recovery
Figure 43. Group Delay vs Frequency
14
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: VCA824


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn