Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VCA824IDG4 Datasheet(PDF) 12 Page - Texas Instruments

Part No. VCA824IDG4
Description  Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

VCA824IDG4 Datasheet(HTML) 12 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
34
32
30
28
26
24
Frequency(MHz)
0
10
20
30
40
50
60
70
80
90
100
At50
MatchedLoad
W
35
30
25
20
15
10
GainControlVoltage(V)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
ConstantInputVoltage
ConstantOutputVoltage
f=20MHz
At50
MatchedLoad
W
-20
-30
-40
-50
-60
-70
-80
-90
OutputVoltageSwing(V )
PP
0.1
1
10
A
=+10V/V
VMAX
V =+1V
G
R
L =100W
f=20MHz
2nd-Harmonic
3rd-Harmonic
MaximumCurrent
ThroughR Limited
G
-10
-20
-30
-40
-50
-60
-70
GainControlVoltage(V)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
2nd-Harmonic
3rd-Harmonic
A
=+10V/V
VMAX
V =2V
O
PP
R =100
L
W
f=20MHz
MaximumCurrent
ThroughR Limited
G
-50
-55
-60
-65
-70
-75
-80
-85
Frequency(MHz)
0.1
1
10
100
A
=+10V/V
VMAX
V =+1V
G
V =2V
O
PP
R =100W
L
2nd-Harmonic
3rd-Harmonic
-66
-68
-70
-72
-74
-76
-78
-80
Resistance( )
W
100
1k
2nd-Harmonic
3rd-Harmonic
A
=+10V/V
VMAX
V =+1V
G
V
O
PP
=1V
f=20MHz
VCA824
SBOS394D – NOVEMBER 2007 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics: VS = ±5 V, AVMAX = 10 V/V (continued)
At TA = 25°C, RL = 100 Ω, RF = 402 Ω, RG = 80 Ω, VG = 1 V, and VIN = single-ended input on +VIN with –VIN at ground, unless
otherwise noted.
Figure 29. Harmonic Distortion vs Frequency
Figure 30. Harmonic Distortion vs Load Resistance
Figure 32. Harmonic Distortion vs Gain Control Voltage
Figure 31. Harmonic Distortion vs Output Voltage
Figure 33. Two-Tone, 3rd-Order Intermodulation Intercept
Figure 34. Two-Tone, 3rd-Order Intermodulation Intercept vs
Gain Control Voltage
12
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: VCA824


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn