Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VCA824IDG4 Datasheet(PDF) 23 Page - Texas Instruments

Part No. VCA824IDG4
Description  Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

VCA824IDG4 Datasheet(HTML) 23 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
R
F
+V
IN
R
G+
R
G
-
-
V
IN
FB
R
G
R
S
e
O
VCA824
*
e
O
i
n
4kTR
S
R
S
*
i
n
4kTR
S
NOTE:R andR
arenoiseless.
F
G
+V
IN
R
G+
R
G-
-
V
IN
FB
R
G
50W
10kW
1kW
50W
V
IN
VCA824
R
F
0.1 F
m
0.1 F
m
10kW
4kW
+5V
-
5V
V
OUT
+5V
-
5V
InputStageandMultiplexerCore
OffsetCompensationCircuit
OutputStageOffset
CompensationCircuit
VCA824
www.ti.com
SBOS394D – NOVEMBER 2007 – REVISED JANUARY 2016
Figure 67. Adjusting the Input and Output Voltage Sources
Figure 68. Simple Noise Model
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: VCA824


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn