Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C550 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SC16C550
Description  Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C550 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SC16C550 Datasheet HTML 29Page - NXP Semiconductors SC16C550 Datasheet HTML 30Page - NXP Semiconductors SC16C550 Datasheet HTML 31Page - NXP Semiconductors SC16C550 Datasheet HTML 32Page - NXP Semiconductors SC16C550 Datasheet HTML 33Page - NXP Semiconductors SC16C550 Datasheet HTML 34Page - NXP Semiconductors SC16C550 Datasheet HTML 35Page - NXP Semiconductors SC16C550 Datasheet HTML 36Page - NXP Semiconductors SC16C550 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Philips Semiconductors
SC16C550
UART with 16-byte FIFO and IrDA encoder/decoder
Product data
Rev. 05 — 19 June 2003
33 of 52
9397 750 11619
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
9.
Static characteristics
[1]
Refer to Table 2 “Pin description” on page 6 for a listing of pins having internal pull-up resistors.
[2]
Except for x2, VOL = 1 V typically.
Table 26:
DC electrical characteristics
Tamb = −40 °C to +85 °C; VCC = 2.5 V, 3.3 V or 5.0 V ±10%, unless otherwise specified.
Symbol
Parameter
Conditions
2.5 V
3.3 V
5.0 V
Unit
Min
Max
Min
Max
Min
Max
VIL(CK)
LOW-level clock input voltage
−0.3
0.45
−0.3
0.6
−0.5
0.6
V
VIH(CK)
HIGH-level clock input voltage
1.8
VCC
2.4
VCC
3.0
VCC
V
VIL
LOW-level input voltage
−0.3
0.65
−0.3
0.8
−0.5
0.8
V
VIH
HIGH-level input voltage
1.6
-
2.0
-
2.2
VCC
V
VOL
LOW-level output voltage on all
outputs[2]
IOL =5mA
(databus)
-----0.4
V
IOL =4mA
(other outputs)
---0.4
--V
IOL =2mA
(databus)
-0.4
----V
IOL = 1.6 mA
(other outputs)
-0.4
----V
VOH
HIGH-level output voltage
IOH = −5mA
(databus)
----2.4
-V
IOH = −1mA
(other outputs)
--2.0
---V
IOH = −800 µA
(databus)
1.85
-----V
IOH = −400 µA
(other outputs)
1.85
-----V
ILIL
LOW-level input leakage current
-
±10
-
±10
-
±10
µA
ICL
clock leakage
-
±30
-
±30
-
±30
µA
ICC
average power supply current
f = 5 MHz
-
3.5
-
4.5
-
4.5
mA
Ci
input capacitance
-
5
-
5
-
5
pF
Rpu(int)
internal pull-up resistance
500
-
500
-
500
-
k


Similar Part No. - SC16C550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C550BIA44 PHILIPS-SC16C550BIA44 Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550BIA44 NXP-SC16C550BIA44 Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C550BIB48 PHILIPS-SC16C550BIB48 Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
More results

Similar Description - SC16C550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
logo
Exar Corporation
ST16654 EXAR-ST16654 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C750 PHILIPS-SC16C750 Datasheet
598Kb / 45P
   Universal Asynchronous Receiver/Transmitter (UART) with 64-byte FIFO
Rev. 04-20 June 2003
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com