Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP210SMNR4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100EP210SMNR4G
Description  1:5 Dual Differential LVDS Compatible Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP210SMNR4G Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EP210SMNR4G Datasheet HTML 1Page - ON Semiconductor MC100EP210SMNR4G Datasheet HTML 2Page - ON Semiconductor MC100EP210SMNR4G Datasheet HTML 3Page - ON Semiconductor MC100EP210SMNR4G Datasheet HTML 4Page - ON Semiconductor MC100EP210SMNR4G Datasheet HTML 5Page - ON Semiconductor MC100EP210SMNR4G Datasheet HTML 6Page - ON Semiconductor MC100EP210SMNR4G Datasheet HTML 7Page - ON Semiconductor MC100EP210SMNR4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100EP210S
http://onsemi.com
3
Table 2. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 100 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
LQFP−32
QFN−32
Level 2
Level 2
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
461 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, refer to Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Power Supply
VEE = 0 V
6
V
VEE
Power Supply (GND)
VCC = 2.5 V
−6
V
VI
LVDS, LVPECL Input Voltage
VEE = 0 V
VI ≤ VCC
6
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
32 LQFP
32 LQFP
80
55
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
32 LQFP
12 to 17
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
QFN−32
QFN−32
31
27
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P
QFN−32
12
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - MC100EP210SMNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP210SMNR4G ONSEMI-MC100EP210SMNR4G Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SMNR4G ONSEMI-MC100EP210SMNR4G Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
More results

Similar Description - MC100EP210SMNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_06 Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
STMicroelectronics
STLVD210 STMICROELECTRONICS-STLVD210 Datasheet
155Kb / 9P
   DIFFERENTIAL LVDS CLOCK DRIVER
logo
Texas Instruments
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
[Old version datasheet]   LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com