Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EPT22DG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100EPT22DG
Description  3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT22DG Datasheet(HTML) 7 Page - ON Semiconductor

  MC100EPT22DG Datasheet HTML 1Page - ON Semiconductor MC100EPT22DG Datasheet HTML 2Page - ON Semiconductor MC100EPT22DG Datasheet HTML 3Page - ON Semiconductor MC100EPT22DG Datasheet HTML 4Page - ON Semiconductor MC100EPT22DG Datasheet HTML 5Page - ON Semiconductor MC100EPT22DG Datasheet HTML 6Page - ON Semiconductor MC100EPT22DG Datasheet HTML 7Page - ON Semiconductor MC100EPT22DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC100EPT22
www.onsemi.com
7
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DIMENSION A DOES NOT INCLUDE MOLD
FLASH. PROTRUSIONS OR GATE BURRS. MOLD
FLASH OR GATE BURRS SHALL NOT EXCEED
0.15 (0.006) PER SIDE.
4.
DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT
EXCEED 0.25 (0.010) PER SIDE.
5.
TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6.
DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE -W-.
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
CASE 948R−02
ISSUE A


Similar Part No. - MC100EPT22DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22DG ONSEMI-MC100EPT22DG Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
More results

Similar Description - MC100EPT22DG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com