Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDK05G65C5 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IDK05G65C5
Description  Silicon Carbide Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDK05G65C5 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IDK05G65C5_13 Datasheet HTML 1Page - Infineon Technologies AG IDK05G65C5_13 Datasheet HTML 2Page - Infineon Technologies AG IDK05G65C5_13 Datasheet HTML 3Page - Infineon Technologies AG IDK05G65C5_13 Datasheet HTML 4Page - Infineon Technologies AG IDK05G65C5_13 Datasheet HTML 5Page - Infineon Technologies AG IDK05G65C5_13 Datasheet HTML 6Page - Infineon Technologies AG IDK05G65C5_13 Datasheet HTML 7Page - Infineon Technologies AG IDK05G65C5_13 Datasheet HTML 8Page - Infineon Technologies AG IDK05G65C5_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
th Generation thinQ!TM SiC Schottky Diode
IDK05G65C5
Electrical characteristics
Final Data Sheet
5
Rev. 2.0, 2013-07-20
4
Electrical characteristics
Table 5
Static characteristics
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
DC blocking voltage
VDC
650
V
IR= 0.83 mA, Tj=25°C
Diode forward voltage
VF
1.5
1.8
IF= 5 A, Tj=25°C
1.8
2.2
IF= 5 A, Tj=150°C
Reverse current
IR
0.25
830
µA
VR=650 V, Tj=25°C
0.06
220
VR=600 V, Tj=25°C
1
3200
VR=650 V, Tj=150°C
Table 6
AC characteristics
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
Total capacitive charge
Qc
8
nC
VR=400 V, di/dt=200A/µs,
IF≤IF,MAX, Tj=150°C.
Total Capacitance
C
160
pF
VR=1 V, f=1 MHz
20
VR=300 V, f=1 MHz
20
VR=600 V, f=1 MHz


Similar Part No. - IDK05G65C5_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDK05G65C5 INFINEON-IDK05G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
More results

Similar Description - IDK05G65C5_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
WNSC10650T WEEN-WNSC10650T Datasheet
504Kb / 11P
   Silicon Carbide Diode
WNSC101200CW WEEN-WNSC101200CW Datasheet
426Kb / 11P
   Silicon Carbide Diode
WNSC101200W WEEN-WNSC101200W Datasheet
453Kb / 11P
   Silicon Carbide Diode
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
   Silicon Carbide Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com