Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC100EP16FDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC100EP16FDR2G
Description  3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC100EP16FDR2G Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 6
1
Publication Order Number:
MC100EP16F/D
MC100EP16F
3.3V / 5V ECL Differential
Receiver/Driver With
Reduced Output Swing
Description
The MC100EP16F is a differential receiver/driver. The device is
functionally equivalent to the EP16 device with higher performance
capabilities. With reduced output swings, rise/fall transition times are
significantly faster than on the EP16. The EP16F is ideally suited for
interfacing with high frequency sources.
The VBB pin, an internally generated voltage supply, is available to
this device only. For Single-Ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
100 ps Typical Rise and Fall Time
Max Frequency > 4 GHz Typical
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0V with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb-Free Package
ALYWG
G
KP60
1
8
www.onsemi.com
KEP60
ALYW
G
1
8
(Note: Microdot may be in either location)
ORDERING INFORMATION
Device
Package
Shipping
MC100EP16FDG
SOIC−8NB
(Pb-Free)
98 Units/Tube
MC100EP16FDR2G
SOIC−8NB
(Pb-Free)
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100EP16FDTR2G
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100EP16FDTG
100 Units/Tube
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*For additional marking information, refer to
Application Note AND8002/D.
SOIC−8NB
D SUFFIX
CASE
751−07
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE
948R−02
1
8
1
8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn