Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEP16MNR4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100LVEP16MNR4G
Description  2.5V / 3.3V ECL Differential Receiver/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP16MNR4G Datasheet(HTML) 3 Page - ON Semiconductor

  MC100LVEP16MNR4G Datasheet HTML 1Page - ON Semiconductor MC100LVEP16MNR4G Datasheet HTML 2Page - ON Semiconductor MC100LVEP16MNR4G Datasheet HTML 3Page - ON Semiconductor MC100LVEP16MNR4G Datasheet HTML 4Page - ON Semiconductor MC100LVEP16MNR4G Datasheet HTML 5Page - ON Semiconductor MC100LVEP16MNR4G Datasheet HTML 6Page - ON Semiconductor MC100LVEP16MNR4G Datasheet HTML 7Page - ON Semiconductor MC100LVEP16MNR4G Datasheet HTML 8Page - ON Semiconductor MC100LVEP16MNR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC10LVEP16, MC100LVEP16
www.onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC = 0 V
−6
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6
−6
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source
±0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC−8 NB
SOIC−8 NB
190
130
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−8 NB
41 to 44
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
TSSOP−8
TSSOP−8
185
140
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
TSSOP−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
DFN8
DFN8
129
84
°C/W
Tsol
Wave Solder (Pb-Free)
< 2 to 3 sec @ 260°C
265
°C
qJC
Thermal Resistance (Junction-to-Case)
(Note 1)
DFN8
35 to 40
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. JEDEC standard multilayer board − 2S2P (2 signal, 2 power)


Similar Part No. - MC100LVEP16MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP16MNR4G ONSEMI-MC100LVEP16MNR4G Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com