Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEP16DG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC100LVEP16DG
Description  2.5V / 3.3V ECL Differential Receiver/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP16DG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC100LVEP16DG Datasheet HTML 4Page - ON Semiconductor MC100LVEP16DG Datasheet HTML 5Page - ON Semiconductor MC100LVEP16DG Datasheet HTML 6Page - ON Semiconductor MC100LVEP16DG Datasheet HTML 7Page - ON Semiconductor MC100LVEP16DG Datasheet HTML 8Page - ON Semiconductor MC100LVEP16DG Datasheet HTML 9Page - ON Semiconductor MC100LVEP16DG Datasheet HTML 10Page - ON Semiconductor MC100LVEP16DG Datasheet HTML 11Page - ON Semiconductor MC100LVEP16DG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC10LVEP16, MC100LVEP16
www.onsemi.com
8
0
100
200
300
400
500
600
700
800
900
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
(JITTER)
Figure 2. Fmax/Jitter
9
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100LVEP16DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP16DG ONSEMI-MC100LVEP16DG Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC100LVEP16DG ONSEMI-MC100LVEP16DG Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com