Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E310 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100E310
Description  5 V ECL Low Voltage 2:8 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E310 Datasheet(HTML) 7 Page - ON Semiconductor

  MC100E310_16 Datasheet HTML 1Page - ON Semiconductor MC100E310_16 Datasheet HTML 2Page - ON Semiconductor MC100E310_16 Datasheet HTML 3Page - ON Semiconductor MC100E310_16 Datasheet HTML 4Page - ON Semiconductor MC100E310_16 Datasheet HTML 5Page - ON Semiconductor MC100E310_16 Datasheet HTML 6Page - ON Semiconductor MC100E310_16 Datasheet HTML 7Page - ON Semiconductor MC100E310_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC100E310
www.onsemi.com
7
PACKAGE DIMENSIONS
28 LEAD PLLC
FN SUFFIX
CASE 776−02
ISSUE F
−N−
−M−
−L−
V
W
D
D
Y BRK
28
1
VIEW S
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L-M
M
0.007 (0.180)
N S
T
−T−
B
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
U
S
L-M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D−D
S
L-M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L-M
M
0.007 (0.180)
N S
T
NOTES:
1. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM -T-, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.485
0.495
12.32
12.57
B
0.485
0.495
12.32
12.57
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.021
0.33
0.53
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
---
0.51
---
K
0.025
---
0.64
---
R
0.450
0.456
11.43
11.58
U
0.450
0.456
11.43
11.58
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
---
0.020
---
0.50
Z
2
10
2
10
G1
0.410
0.430
10.42
10.92
K1
0.040
---
1.02
---
__
__


Similar Part No. - MC100E310_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E310FN ONSEMI-MC100E310FN Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNG ONSEMI-MC100E310FNG Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2 ONSEMI-MC100E310FNR2 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2G ONSEMI-MC100E310FNR2G Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
More results

Similar Description - MC100E310_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E310 ONSEMI-MC100E310 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
130Kb / 6P
   LOW VOLTAGE 2:8 DIFFERENTIAL FANOUT BUFFER
1996 REV 0.1
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EL11 ONSEMI-MC10EL11_16 Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC10EL11 ONSEMI-MC10EL11_06 Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com