Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3803.01MDCKREP Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS3803.01MDCKREP
Description  VOLTAGE DETECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3803.01MDCKREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3803.01MDCKREP Datasheet HTML 2Page - Texas Instruments TPS3803.01MDCKREP Datasheet HTML 3Page - Texas Instruments TPS3803.01MDCKREP Datasheet HTML 4Page - Texas Instruments TPS3803.01MDCKREP Datasheet HTML 5Page - Texas Instruments TPS3803.01MDCKREP Datasheet HTML 6Page - Texas Instruments TPS3803.01MDCKREP Datasheet HTML 7Page - Texas Instruments TPS3803.01MDCKREP Datasheet HTML 8Page - Texas Instruments TPS3803.01MDCKREP Datasheet HTML 9Page - Texas Instruments TPS3803.01MDCKREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS380301EP
TPS3803G15EP
TPS3805H33EP
SGLS227C − DECEMBER 2003 − REVISED JUNE 2007
www.ti.com
6
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 1.5 V,
IOH = −0.5 mA
VOH
High-level output voltage (TPS3805 only)
VDD = 3.3 V,
IOH = −1 mA
0.8 x VDD
V
VOH
High-level output voltage (TPS3805 only)
VDD = 6 V,
IOH = −1.5 mA
0.8 x VDD
V
VDD = 1.5 V,
IOL = 1 mA
VOL
Low-level output voltage
VDD = 3.3 V,
IOL = 2 mA
0.3
V
VOL
Low-level output voltage
VDD = 6 V,
IOL = 3 mA
0.3
V
Power-up reset voltage(1)
VIT > 1.5 V, TA = +25
°C
0.8
V
Power-up reset voltage(1)
VIT
≤ 1.5 V, TA = +25°C
1
V
Negative-going input threshold
SENSE
1.2
1.226
1.244
VIT
Negative-going input threshold
voltage(2)
TPS3803G15
1.379
1.4
1.421
V
VIT
voltage(2)
TPS3805H33
3.004
3.05
3.096
V
Vhys
Hysteresis
1.2 V
< VIT < 2.5 V
15
mV
Vhys
Hysteresis
2.5 V
< VIT < 3.5 V
30
mV
II
Input current
SENSE
−25
25
nA
IOH
High-level output current at RESET
Open-drain only
VDD = VIT + 0.2V, VOH = VDD
300
nA
TPS3803−01
2
4
IDD
Supply current
TPS3805,
TPS3803G15
VDD = 3.3 V, output unconnected
3
5
A
IDD
Supply current
TPS3803−01
2
4
µA
TPS3805,
TPS3803G15
VDD = 6 V, output unconnected
4
6
CI
Input capacitance
VI = 0 V to VDD
1
pF
(1) The lowest supply voltage at which RESET (VOL(max) = 0.2 V, IOL = 50 µA) becomes active. tr(VDD) ≥ 15 µs/V
(2) To ensure the best stability of the threshold voltage, place a bypass capacitor (ceramic, 0.1 µF) near the supply terminals.
TIMING REQUIREMENTS
AT RL = 1 MΩ, CL = 50 PF, over recommended operating free-air temperature range.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw
Pulse width
At VDD
VIH = 1.05 x VIT, VIL = 0.95 x VIT
5.5
s
tw
Pulse width
At SENSE
VIH = 1.05 x VIT, VIL = 0.95 x VIT
5.5
µs
SWITCHING CHARACTERISTICS
AT RL = 1 MΩ, CL = 50 PF, over recommended operating free-air temperature range.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation (delay) time,
VDD to RESET delay
V
= 1.05 x V ,
5
100
tPHL
Propagation (delay) time,
high-to-low-level output
SENSE to RESET delay
VIH = 1.05 x VIT,
VIL = 0.95 x VIT
5
100
s
tPLH
Propagation (delay) time,
VDD to RESET delay
IH
IT
VIL = 0.95 x VIT
5
100
µs
tPLH
Propagation (delay) time,
low-to-high-level output
SENSE to RESET delay
5
100


Similar Part No. - TPS3803.01MDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3803 TI-TPS3803 Datasheet
285Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803 TI-TPS3803 Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803 TI-TPS3803 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
TPS3803 TI1-TPS3803 Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
TPS3803-01 TI-TPS3803-01 Datasheet
254Kb / 12P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Similar Description - TPS3803.01MDCKREP

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com