Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54313 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54313
Description  3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54313 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54313 Datasheet HTML 1Page - Texas Instruments TPS54313 Datasheet HTML 2Page - Texas Instruments TPS54313 Datasheet HTML 3Page - Texas Instruments TPS54313 Datasheet HTML 4Page - Texas Instruments TPS54313 Datasheet HTML 5Page - Texas Instruments TPS54313 Datasheet HTML 6Page - Texas Instruments TPS54313 Datasheet HTML 7Page - Texas Instruments TPS54313 Datasheet HTML 8Page - Texas Instruments TPS54313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
(1) (2)
ELECTRICAL CHARACTERISTICS
TPS54310-EP
www.ti.com ..................................................................................................................................................................................................... SLVS818 – APRIL 2008
MIN
MAX
UNIT
VI
Input voltage
3
6
V
TJ
Operating virtual-junction temperature
–55
125
°C
THERMAL IMPEDANCE
TA = 25°C
TA = 70°C
TA = 85°C
PACKAGE
JUNCTION-TO-AMBIENT
POWER RATING
POWER RATING
POWER RATING
20-Pin PWP with solder
26
°C/W
3.85 W(3)
2.12 W
1.54 W
20-Pin PWP without solder
57.5
°C/W
1.73 W
0.96 W
0.69 W
(1)
For more information on the PWP package, refer to TI technical brief, literature number SLMA002.
(2)
Test board conditions:
a. 3 inch
× 3 inch, 2 layers, Thickness: 0.062 inch
b. 1.5 oz copper traces located on the top of the PCB
c. 1.5 oz copper ground plane on the bottom of the PCB
d. Ten thermal vias (see recommended land pattern in application section of this data sheet)
(3)
Maximum power dissipation may be limited by overcurrent protection.
TJ = –55°C to 125°C, VIN = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
VIN input voltage range
3
6
V
fs = 350 kHz, SYNC = 0.8 V, RT open
6.2
9.6
Quiescent current
fs = 550 kHz, SYNC ≥ 2.5 V, RT open, phase pin open
8.4
12.8
mA
Shutdown, SS/ENA = 0 V
1
1.4
UNDERVOLTAGE LOCKOUT
Start threshold voltage, UVLO
2.95
3
V
Stop threshold voltage, UVLO
2.70
2.80
Hysteresis voltage, UVLO
0.10
0.16
V
Rising and falling edge deglitch, UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.70
2.80
2.95
V
VO
Output current, VBIAS(2)
100
µA
CUMULATIVE REFERENCE
Vref
Accuracy
0.880
0.891
0.900
V
REGULATION
IL = 1.5 A, fs = 350 kHz, TJ = 85°C
0.07
Line regulation(1) (3)
%/V
IL = 1.5 A, fs = 550 kHz, TJ = 85°C
0.07
IL = 0 A to 3 A, fs = 350 kHz, TJ = 85°C
0.03
Load regulation(1) (3)
%/A
IL = 0 A to 3 A, fs = 550 kHz, TJ = 85°C
0.03
(1)
Specified by design
(2)
Static resistive loads only
(3)
Specified by the circuit used in Figure 10.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54310-EP


Similar Part No. - TPS54313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54313 TI-TPS54313 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54313 TI-TPS54313 Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54313 TI-TPS54313 Datasheet
1Mb / 27P
[Old version datasheet]   TPS5431x 3-V to 6-V Input, 3-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54313 TI1-TPS54313 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54313-EP TI1-TPS54313-EP Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com