Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H645FNG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10H645FNG
Description  TTL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H645FNG Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H645FNG Datasheet HTML 1Page - ON Semiconductor MC10H645FNG Datasheet HTML 2Page - ON Semiconductor MC10H645FNG Datasheet HTML 3Page - ON Semiconductor MC10H645FNG Datasheet HTML 4Page - ON Semiconductor MC10H645FNG Datasheet HTML 5Page - ON Semiconductor MC10H645FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H645
www.onsemi.com
2
Figure 1. Logic Diagram
Q0
Figure 2. Pinout: 28−Lead PLCC
(Top View)
1
GT
Q5
VT
Q4
VT
Q3
GT
GT
Q6
VT
Q7
VT
Q8
GT
Q2
VT
Q1
VT
Q0
GT
56
7
8
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
GT
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q
Q
SEL
S
S
D1
D0
TTL Inputs
TTL Outputs
D0
D0
D1
D1
MUX
NC
D0
D1
VE
SEL
GE
NC
Table 1. PIN NAMES
PIN
FUNCTION
GT
VT
VE
GE
Dn
Q0 − Q8
SEL
TTL Ground (0 V)
TTL VCC (+5.0 V)
ECL VCC (+5.0 V)
ECL Ground (0 V)
TTL Signal Input
TTL Signal Outputs
TTL Mux Select
Table 2. PIN DESCRIPTIONS
Pin
Symbol
Description
Pin
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Q4
VT
Q3
GT
GT
Q2
VT
Q1
VT
Q0
GT
NC
GE
SEL
Signal Output (TTL)
TTL VCC (+5.0 V)
Signal Output (TTL)
TTL Ground (0 V)
TTL Ground (0 V)
Signal Output (TTL)
TTL VCC (+5.0 V)
Signal Output (TTL)
TTL VCC (+5.0 V)
Signal Output (TTL)
TTL Ground (0 V)
No Connection
ECL Ground
Select Input (TTL)
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VE
D1
D0
NC
GT
Q8
VT
Q7
VT
Q6
GT
GT
Q5
VT
ECL VCC (+5.0 V)
Signal Input (TTL)
Signal Input (TTL)
No Connection
TTL Ground (0 V)
Signal Output (TTL)
TTL VCC (+5.0 V)
Signal Output (TTL)
TTL VCC (+5.0 V)
Signal Output (TTL)
TTL Ground (0 V)
TTL Ground (0 V)
Signal Output (TTL)
TTL VCC (+5.0 V)
Table 3. TRUTH TABLE
D0
D1
SEL
Q
L
H
X
X
X
X
L
H
L
L
H
H
L
H
L
H


Similar Part No. - MC10H645FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H645FNG ONSEMI-MC10H645FNG Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results

Similar Description - MC10H645FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com