Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7105E Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7105E
Description  Digital video encoder
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7105E Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7105E Datasheet HTML 1Page - NXP Semiconductors SAA7105E Datasheet HTML 2Page - NXP Semiconductors SAA7105E Datasheet HTML 3Page - NXP Semiconductors SAA7105E Datasheet HTML 4Page - NXP Semiconductors SAA7105E Datasheet HTML 5Page - NXP Semiconductors SAA7105E Datasheet HTML 6Page - NXP Semiconductors SAA7105E Datasheet HTML 7Page - NXP Semiconductors SAA7105E Datasheet HTML 8Page - NXP Semiconductors SAA7105E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
2004 Mar 04
3
Philips Semiconductors
Product specification
Digital video encoder
SAA7104E; SAA7105E
1
FEATURES
• Digital PAL/NTSC encoder with integrated high quality
scaler and anti-flicker filter for TV output from a PC
• Supports Intel® Digital Video Out (DVO) low voltage
interfacing to graphics controller
• 27 MHz crystal-stable subcarrier generation
• Maximum graphics pixel clock 85 MHz at double edged
clocking, synthesized on-chip or from external source
• Programmable assignment of clock edge to bytes (in
double edged mode)
• Synthesizable pixel clock (PIXCLK) with minimized
output jitter, can be used as reference clock for the VGC,
as well)
• PIXCLK output and bi-phase PIXCLK input (VGC clock
loop-through possible)
• Hot-plug detection through dedicated interrupt pin
• Supported VGA resolutions for PAL or NTSC legacy
video output up to 1280
× 1024 graphics data at
60 or 50 Hz frame rate
• Supported VGA resolutions for HDTV output up to
1920
× 1080 interlaced graphics data at 60 or 50 Hz
frame rate
• Three Digital-to-Analog Converters (DACs) for CVBS
(BLUE, CB), VBS (GREEN, CVBS) and C (RED, CR)at
27 MHz sample rate (signals in parenthesis are
optionally), all at 10-bit resolution
• Non-interlaced CB-Y-CR or RGB input at maximum
4:4:4 sampling
• Downscaling and upscaling from 50 to 400%
• Optional interlaced CB-Y-CR input of Digital Versatile
Disk (DVD) signals
• Optional non-interlaced RGB output to drive second
VGA monitor (bypass mode, maximum 85 MHz)
• 3 × 256 bytes RGB Look-Up Table (LUT)
• Support for hardware cursor
• HDTV up to 1920 × 1080 interlaced and 1280 × 720
progressive, including 3-level sync pulses
• Programmable border colour of underscan area
• Programmable 5 line anti-flicker filter
• On-chip 27 MHz crystal oscillator (3rd-harmonic or
fundamental 27 MHz crystal)
• Fast I2C-bus control port (400 kHz)
• Encoder can be master or slave
• Adjustable output levels for the DACs
• Programmable horizontal and vertical input
synchronization phase
• Programmable horizontal sync output phase
• Internal Colour Bar Generator (CBG)
• Optional support of various Vertical Blanking Interval
(VBI) data insertion
• Macrovision™(1) Pay-per-View copy protection system
rev. 7.01, rev. 6.1 and rev. 1.03 (525p) as option; this
applies to the SAA7104E only. The device is protected
by USA patent numbers 4631603, 4577216 and
4819098 and other intellectual property rights. Use of
the Macrovision anti-copy process in the device is
licensed for non-commercial home use only. Reverse
engineering or disassembly is prohibited. Please
contact your nearest Philips Semiconductors sales
office for more information.
• Optional cross-colour reduction for PAL and NTSC
CVBS outputs
• Power-save modes
• Joint Test Action Group (JTAG) boundary scan test
• Monolithic CMOS 3.3 V device, 5 V tolerant I/Os.
(1) Macrovision
™ is a trademark of the Macrovision Corporation.


Similar Part No. - SAA7105E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7105E NXP-SAA7105E Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
More results

Similar Description - SAA7105E

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com