Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA3500H Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA3500H
Description  Digital audio broadcast channel decoder
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA3500H Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA3500H Datasheet HTML 6Page - NXP Semiconductors SAA3500H Datasheet HTML 7Page - NXP Semiconductors SAA3500H Datasheet HTML 8Page - NXP Semiconductors SAA3500H Datasheet HTML 9Page - NXP Semiconductors SAA3500H Datasheet HTML 10Page - NXP Semiconductors SAA3500H Datasheet HTML 11Page - NXP Semiconductors SAA3500H Datasheet HTML 12Page - NXP Semiconductors SAA3500H Datasheet HTML 13Page - NXP Semiconductors SAA3500H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
2000 Jun 14
10
Philips Semiconductors
Preliminary specification
Digital audio broadcast channel decoder
SAA3500H
A[17:0]
D[7:0]
RD
WR
Fig.5 RAM access.
9.3
Parallel output interface
The digital parallel output interface can be used in 3 different modes depending on the OCIR and OEN select pins.
Output data shall be latched on the falling edge of OCLK.
Table 2
Parallel output modes
X = don’t care.
By means of an external digital-to-analog converter, either the CIR or I/Q data can be displayed on an oscilloscope.
Digital output data is clocked out on the falling edge of the OCLK output signal. In case of baseband output the OIQ signal
indicates, if the current sample is either I or Q data.
OCIR OEN
DESCRIPTION
0
0
channel impulse response sampled at 64 kHz, OIQ = frame trigger
1
0
baseband sampled at 2048 kHz and with I and Q data multiplexed
X
1
OUT[7:0], OIQ and OCLK disabled
OCLK
OUT[7:0]
OIQ
QI
Q
I
Q
4096 kHz
signed
2048 kHz
Fig.6 Baseband output signals (OCIR = HIGH, OEN = LOW).
OCLK
OIQ
64 kHz
unsigned
OUT[7:0]
trigger
Fig.7 CIR output signals (OCIR = LOW, OEN = LOW).


Similar Part No. - SAA3500H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
SAA3004P PHILIPS-SAA3004P Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
SAA3004T PHILIPS-SAA3004T Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
   LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
NXP Semiconductors
SAA3007 PHILIPS-SAA3007 Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
More results

Similar Description - SAA3500H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
logo
Synaptics Incorporated.
CX23880 CONEXANT-CX23880 Datasheet
760Kb / 8P
   PCl Audio/Video Broadcast Decoder
CX25843 CONEXANT-CX25843 Datasheet
260Kb / 4P
   Single-Chip Broadcast Audio/Video Decoder
logo
NXP Semiconductors
SAA7134HL PHILIPS-SAA7134HL Datasheet
211Kb / 52P
   PCI audio and video broadcast decoder
2002 Dec 17
SAA7133HL PHILIPS-SAA7133HL Datasheet
227Kb / 52P
   PCI audio and video broadcast decoder
2003 Feb 04
logo
Panasonic Semiconductor
MN88413 PANASONIC-MN88413 Datasheet
49Kb / 5P
   Channel Decoder LSI for Digital Satellite Broadcast Reception
logo
NXP Semiconductors
SAA7130HL PHILIPS-SAA7130HL Datasheet
196Kb / 48P
   PCI video broadcast decoder
2002 Apr 23
logo
Synaptics Incorporated.
CX2417X CONEXANT-CX2417X Datasheet
799Kb / 4P
   Digital Broadcast High-Definition TV Decoder with PVR Support
logo
New Japan Radio
NJU26501 NJRC-NJU26501 Datasheet
271Kb / 27P
   Multi-Function Digital Audio Decoder
logo
NXP Semiconductors
NE5241 PHILIPS-NE5241 Datasheet
52Kb / 6P
   Dolby ADM digital audio decoder
March 19, 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com