Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR12D Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MCR12D
Description  Silicon Controlled Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR12D Datasheet(HTML) 3 Page - ON Semiconductor

  MCR12D Datasheet HTML 1Page - ON Semiconductor MCR12D Datasheet HTML 2Page - ON Semiconductor MCR12D Datasheet HTML 3Page - ON Semiconductor MCR12D Datasheet HTML 4Page - ON Semiconductor MCR12D Datasheet HTML 5Page - ON Semiconductor MCR12D Datasheet HTML 6Page - ON Semiconductor MCR12D Datasheet HTML 7Page - ON Semiconductor MCR12D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MCR12D, MCR12M, MCR12N
http://onsemi.com
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode –
Forward Blocking Region
IRRM at VRRM
(off state)
90
°
180
°
Figure 1. Typical RMS Current Derating
Figure 2. On–State Power Dissipation
Figure 3. Typical On–State Characteristics
Figure 4. Typical Gate Trigger Current versus
Junction Temperature
8
0
IT(RMS), RMS ON–STATE CURRENT (AMPS)
125
120
IT(AV), AVERAGE ON–STATE CURRENT (AMPS)
38
0
8
4
2
0
3.0
0.5
VT, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
100
10
1
0.1
TJ, JUNCTION TEMPERATURE (°C)
–10
–40
20
2
0
2.5
115
105
12
3
1
2
6
10
20
1.0
2.0
20
50
80
125
dc
180
°
90
°
60
°
dc
30
°
MAXIMUM @ TJ = 25°C
MAXIMUM @ TJ = 125°C
5
1.5
45
110
4
100
90
95
67
12
14
67
12
910
11
30
°
12
910
11
16
18
535
65
95
–25
110
4
6
8
10
12
14
16
18


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
MCR8SSilicon Controlled Rectifiers 1 2 Motorola, Inc
LSCP10C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn