Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA56202 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA56202
Description  One-chip motor driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56202 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA56202 Datasheet HTML 7Page - NXP Semiconductors SA56202 Datasheet HTML 8Page - NXP Semiconductors SA56202 Datasheet HTML 9Page - NXP Semiconductors SA56202 Datasheet HTML 10Page - NXP Semiconductors SA56202 Datasheet HTML 11Page - NXP Semiconductors SA56202 Datasheet HTML 12Page - NXP Semiconductors SA56202 Datasheet HTML 13Page - NXP Semiconductors SA56202 Datasheet HTML 14Page - NXP Semiconductors SA56202 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
9397 750 12772
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 19 July 2004
11 of 24
Philips Semiconductors
SA56202
One-chip motor driver
where NPP indicates the number of pole pairs of the motor. FG has an open-drain output
for easy interfacing to 3 V and 5 V logic.
7.7 Sled motor driver
Two current-steering PWM channels are available to drive a stepper motor. Per channel
an external sense resistor Rsense is used that is connected to ground. A peak-current
control loop is implemented that modulates the duty cycle of the PWM signal. See
Figure 9.
The clock generator has a nominal frequency of fosc/256 = 70 kHz. See Figure 10 for the
transfer function from input voltage VVINSLD to output current at a typical Rsense of 0.5 Ω.
Input-to-output transconductance gain can be scaled down by connecting an external
resistor Rext in series with the input VINSLD.
Both limit current and transconductance gain are related to Rsense in the following way:
Transconductance gain,
Limit current,
Fig 9.
Peak-current control architecture of stepper motor driver.
Fig 10. Transfer function of stepper motor driver.
Σ
001aaa435
M
R
S
Q
CLOCK
70 kHz
LOGIC
DRIVE
DRIVER
A
VINSLD
Rsense
IO
Rext
47 k
+
47 k
VVINREF
input amplifier
VVINREF
001aaa436
VVINSLD − VVINREF (V)
−1 A
+1 A/V
+1 A/V
1 A
IOUT (A)
dead zone
30 mV
−30 mV
I
o
V
in
--------
1
2R
sense
×
------------------------
=
I
LIM
1V
2R
sense
×
------------------------
=


Similar Part No. - SA56202

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA5624 SILAN-SA5624 Datasheet
211Kb / 7P
   ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
More results

Similar Description - SA56202

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
logo
ON Semiconductor
LB11899J ONSEMI-LB11899J Datasheet
352Kb / 16P
   Three-in-One Motor Driver
October, 2013
logo
AMtek SEMICONDUCTORS CO...
AM2182 AMTEK-AM2182 Datasheet
370Kb / 12P
   One Channel Reversible Motor Driver
Mar, 2014 V1.1
AM2861 AMTEK-AM2861 Datasheet
476Kb / 14P
   One Channel H-Bridge Motor Driver
Nov. 2020 V1.3
AM2878 AMTEK-AM2878 Datasheet
496Kb / 14P
   One Channel H-Bridge Motor Driver
Aug. 2020 V1.6
AM1016A AMTEK-AM1016A Datasheet
560Kb / 12P
   One Channel H-Bridge Motor Driver
Mar. 2021 V1.3
AM2849 AMTEK-AM2849 Datasheet
577Kb / 12P
   One Channel H-Bridge Motor Driver
Nov. 2020 V0.9
AM4959 AMTEK-AM4959 Datasheet
475Kb / 14P
   One Channel H-Bridge Motor Driver
Jan. 2021 V1.8
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
logo
Shenzhen Huazhimei Semi...
L9110B HMSEMI-L9110B Datasheet
431Kb / 6P
   Motor control driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com