Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA2411DH Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA2411DH
Description  20 dBm single chip linear amplifier for WLAN
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2411DH Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA2411DH Datasheet HTML 7Page - NXP Semiconductors SA2411DH Datasheet HTML 8Page - NXP Semiconductors SA2411DH Datasheet HTML 9Page - NXP Semiconductors SA2411DH Datasheet HTML 10Page - NXP Semiconductors SA2411DH Datasheet HTML 11Page - NXP Semiconductors SA2411DH Datasheet HTML 12Page - NXP Semiconductors SA2411DH Datasheet HTML 13Page - NXP Semiconductors SA2411DH Datasheet HTML 14Page - NXP Semiconductors SA2411DH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Philips Semiconductors
Product data
SA2411
+20 dBm single chip linear amplifier for WLAN
2003 Feb 07
11
The next curves present the frequency dependency for an input power of +7 dBm:
SR02474
Output Power versus Frequency
17
18
19
20
21
2.40E+00
2.43E+00
2.45E+00
2.48E+00
2.50E+00
Frequency[GHz]
Figure 13.
Output power vs. frequency
SR02475
Gain versus Frequency
11
12
13
14
15
2.40E+00
2.43E+00
2.45E+00
2.48E+00
2.50E+00
Frequency[GHz]
Figure 14.
Gain vs. frequency
SR02476
Efficiency versus Frequency
0.0%
5.0%
10.0%
15.0%
20.0%
2.40E+00
2.43E+00
2.45E+00
2.48E+00
2.50E+00
Frequency[GHz]
Figure 15.
Efficiency vs. frequency
SR02477
ACPR versus frequency
–36
–34
–32
–30
–28
2.40E+00
2.43E+00
2.45E+00
2.48E+00
2.50E+00
Frequency[GHz]
Figure 16.
ACPR vs. frequency


Similar Part No. - SA2411DH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
More results

Similar Description - SA2411DH

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
logo
Transcom, Inc.
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
   10 - 16GHz 20 dBm Amplifier
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
logo
Pasternack Enterprises,...
PE15A6012 PASTERNACK-PE15A6012 Datasheet
512Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
PE15A6008 PASTERNACK-PE15A6008 Datasheet
513Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
logo
Transcom, Inc.
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
logo
Skyworks Solutions Inc.
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
RFX242 SKYWORKS-RFX242 Datasheet
810Kb / 6P
   2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com