Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LVX4053 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC74LVX4053
Description  Analog Multiplexer/ Demultiplexer High-Performance Silicon-Gate CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4053 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74LVX4053 Datasheet HTML 2Page - ON Semiconductor MC74LVX4053 Datasheet HTML 3Page - ON Semiconductor MC74LVX4053 Datasheet HTML 4Page - ON Semiconductor MC74LVX4053 Datasheet HTML 5Page - ON Semiconductor MC74LVX4053 Datasheet HTML 6Page - ON Semiconductor MC74LVX4053 Datasheet HTML 7Page - ON Semiconductor MC74LVX4053 Datasheet HTML 8Page - ON Semiconductor MC74LVX4053 Datasheet HTML 9Page - ON Semiconductor MC74LVX4053 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC74LVX4053
http://onsemi.com
6
Figure 4. On Resistance, Test Set–Up
PLOTTER
MINI
COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
DEVICE
UNDER TEST
GND
ANALOG IN
COMMON OUT
GND
*)
Figure 5. Maximum Off Channel Leakage Current,
Any One Channel, Test Set–Up
Figure 6. Maximum On Channel Leakage Current,
Channel to Channel, Test Set–Up
Figure 7. Maximum On Channel Bandwidth, Test Set–Up
OFF
OFF
6
7
8
16
COMMON O/I
VCC
VIH
NC
A
VCC
VEE
VCC
ON
OFF
6
7
8
16
COMMON O/I
VCC
VIL
VCC
VEE
VCC
N/C
A
ANALOG I/O
VEE
VEE
ON
OFF
6
7
8
VCC
VEE
9–11
All untested Analog I/O pins
HP11667B
Pwr Splitter
HP4195A
Network Anl
0.1
mF
S1 R1
T1
0.1
mF
50 K
W
100 K
W
VIS
A
Channel Selects
connected to address
pins on HP4195A and
appropriately configured
to test each switch.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn