Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR33053IDEVB Datasheet(PDF) 5 Page - Exar Corporation

Part # XR33053IDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33053IDEVB Datasheet(HTML) 5 Page - Exar Corporation

  XR33053IDEVB Datasheet HTML 1Page - Exar Corporation XR33053IDEVB Datasheet HTML 2Page - Exar Corporation XR33053IDEVB Datasheet HTML 3Page - Exar Corporation XR33053IDEVB Datasheet HTML 4Page - Exar Corporation XR33053IDEVB Datasheet HTML 5Page - Exar Corporation XR33053IDEVB Datasheet HTML 6Page - Exar Corporation XR33053IDEVB Datasheet HTML 7Page - Exar Corporation XR33053IDEVB Datasheet HTML 8Page - Exar Corporation XR33053IDEVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
XR
33052/53/55/58
5/18
REV2A
Electrical Characteristics (Continued)
Driver AC Characteristics - XR33052 (250kbps)
Unless otherwise noted: VCC = 3.0V to 5.5V, TA = TMIN to TMAX. Typical values are at VCC = 5.0V, TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tDPLH
Driver propagation delay (low to high)
CL = 50pF, RL = 54Ω, Figure 7
350
1500
ns
tDPHL
Driver propagation delay (high to low)
350
1600
ns
|tDPLH-tDPHL|
Differential driver output skew
20
200
ns
tDR, tDF
Driver differential output rise or fall time
400
1500
ns
Maximum data rate
1/tUI, duty cycle 40% to 60%
250
kbps
tDZH
Driver enable to output high
CL = 50pF, RL = 500Ω, Figure 8
200
2500
ns
tDZL
Driver enable to output low
200
2500
ns
tDHZ
Driver disable from output high
250
ns
tDLZ
Driver disable from output low
250
ns
tRZH(SHDN)
Driver enable from shutdown to
output high
CL = 50pF, RL = 500Ω, Figure 8
5500
ns
tRZL(SHDN)
Driver enable from shutdown to
output low
5500
ns
tSHDN
Time to shutdown
Notes 1 and 2
50
200
600
ns
Receiver AC Characteristics -XR33052 (250kbps)
Unless otherwise noted: VCC = 3.0V to 5.5V, TA = TMIN to TMAX. Typical values are at VCC = 5.0V, TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tRPLH
Receiver propagation delay (low to high)
CL = 15pF, VID = ±2V, VID rise and
fall times < 15ns, Figure 9
200
ns
tRPHL
Receiver propagation delay (high to low)
200
ns
|tRPLH-tRPHL|
Receiver propagation delay skew
30
ns
Maximum data rate
1/tUI, duty cycle 40% to 60%
250
kbps
tRZH
Receiver enable to output high
CL = 15pF, RL = 1kΩ, Figure 10
50
ns
tRZL
Receiver enable to output low
50
ns
tRHZ
Receiver disable from output high
50
ns
tRLZ
Receiver disable from output low
50
ns
tRZH(SHDN)
Receiver enable from shutdown to
output high
CL = 15pF, RL = 1kΩ, Figure 10
3500
ns
tRZL(SHDN)
Receiver enable from shutdown to
output low
3500
ns
tSHDN
Time to shutdown
Notes 1 and 2
50
200
600
ns
NOTES:
1. The transceivers are put into shutdown by bringing RE high and DE low simultaneously for at least 600ns. If the control inputs are in this state for less than 50ns, the device
is guaranteed to not enter shutdown. If the enable inputs are held in this state for at least 600ns, the device is ensured to be in shutdown. Note that the receiver and driver
enable times increase significantly when coming out of shutdown.
2. This spec is guaranteed by design and bench characterization.


Similar Part No. - XR33053IDEVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33053ID-F EXAR-XR33053ID-F Datasheet
625Kb / 16P
   TIA-485/TIA-422 Transceiver
XR33053IDTR-F EXAR-XR33053IDTR-F Datasheet
625Kb / 16P
   TIA-485/TIA-422 Transceiver
More results

Similar Description - XR33053IDEVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33052 EXAR-XR33052_17 Datasheet
761Kb / 20P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152 EXAR-XR33152_17 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156IDEVB EXAR-XR33156IDEVB Datasheet
631Kb / 19P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3160 MAXIM-MAX3160_09 Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com