Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR33058HDTR-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XR33058HDTR-F
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33058HDTR-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR33058HDTR-F Datasheet HTML 6Page - Exar Corporation XR33058HDTR-F Datasheet HTML 7Page - Exar Corporation XR33058HDTR-F Datasheet HTML 8Page - Exar Corporation XR33058HDTR-F Datasheet HTML 9Page - Exar Corporation XR33058HDTR-F Datasheet HTML 10Page - Exar Corporation XR33058HDTR-F Datasheet HTML 11Page - Exar Corporation XR33058HDTR-F Datasheet HTML 12Page - Exar Corporation XR33058HDTR-F Datasheet HTML 13Page - Exar Corporation XR33058HDTR-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
XR
33052/53/55/58
10/18
REV2A
Figure 2. XR33052, XR33055 and XR33058 Half-duplex and XR33053 Full-duplex
Figure 3. Differential Driver Output Voltage
D
DI = OV or VCC
DE = VCC
Y
Z
RL
2
VOD
VCM
RL
2
Figure 4. Differential Driver Output Voltage Over Common Mode
D
DI = OV or VCC
DE = VCC
Y
Z
375
375
60
VOD
VCM
Applications Information
N/C 1
RO 2
RE 3
DE 4
DI 5
GND 6
GND 7
VCC
14
N/C
13
A
12
B
11
Z
10
Y
9
N/C
8
D
R
RO 1
RE 2
DE 3
DI 4
VCC
8
B/Z
7
A/Y
6
GND
5
D
R
XR33052, XR33055 and XR33058
XR33053


Similar Part No. - XR33058HDTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33058 EXAR-XR33058 Datasheet
761Kb / 20P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results

Similar Description - XR33058HDTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33052 EXAR-XR33052_17 Datasheet
761Kb / 20P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152 EXAR-XR33152_17 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156IDEVB EXAR-XR33156IDEVB Datasheet
631Kb / 19P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3160 MAXIM-MAX3160_09 Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com