Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3201MDGNREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201MDGNREP
Description  1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201MDGNREP Datasheet(HTML) 1 Page - Texas Instruments

  THS3201MDGNREP Datasheet HTML 1Page - Texas Instruments THS3201MDGNREP Datasheet HTML 2Page - Texas Instruments THS3201MDGNREP Datasheet HTML 3Page - Texas Instruments THS3201MDGNREP Datasheet HTML 4Page - Texas Instruments THS3201MDGNREP Datasheet HTML 5Page - Texas Instruments THS3201MDGNREP Datasheet HTML 6Page - Texas Instruments THS3201MDGNREP Datasheet HTML 7Page - Texas Instruments THS3201MDGNREP Datasheet HTML 8Page - Texas Instruments THS3201MDGNREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
DBV-5
DGN-8
DGK-8
D-8
1
FEATURES
DESCRIPTION
SUPPORTS DEFENSE, AEROSPACE,
APPLICATIONS
THS3201-EP
www.ti.com ..................................................................................................................................................... SGLS283B – APRIL 2005 – REVISED JANUARY 2009
1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
2
• Unity Gain Bandwidth: 1.8 GHz
• High Slew Rate: 6700 V/µs (G = 2 V/V,
The
THS3201
is
a
wide-band,
high-speed
current-feedback amplifier, designed to operate over
RL = 100 Ω, 5-V Step)
a wide supply range of ±3.3 V to ±7.5 V for today's
• IMD
3: –78 dBc at 20 MHz: (G = 10 V/V,
high-performance applications.
RL = 100 Ω, 2-VPP Envelope)
The wide supply range, combined with low distortion
• Noise Figure: 11 dB (G = 10 V/V, R
G = 28 Ω,
and high slew rate, makes the THS3201 ideally
RF = 255 Ω)
suited for arbitrary waveform driver applications. The
• Input Referred Noise (f > 10 MHz)
distortion
performance
also
enables
driving
Voltage Noise: 1.65 nV/
√Hz
high-resolution and high-sampling rate ADCs.
Noninverting Current Noise: 13.4 pA/
√Hz
High-voltage
operation
capabilties
make
the
THS3201
especially
suitable
for
many
test,
Inverting Current Noise: 20 pA/
√Hz
measurement,
and
ATE
applications
where
• Output Drive: 100 mA
lower-voltage devices do not offer enough voltage
• Power-Supply Voltage Range: ±3.3 V to ±7.5 V
swing capabilty. Output rise and fall times are nearly
independent of step size (to first-order appoximation),
making the THS3201 ideal for buffering small to large
AND MEDICAL APPLICATIONS
step pulses with excellent linearity in high dynamic
systems.
• Controlled Baseline
• One Assembly/Test Site
The THS3201 is offered in 8-pin SOIC and 8-pin
MSOP with PowerPAD™ packages.
• One Fabrication Site
• Available in Military (–55°C/125°C)
RELATED DEVICES AND DESCRIPTIONS
Temperature Range(1)
THS3202
±7.5-V 2-GHz Dual Low-Distortion CFB Amplifier
• Extended Product Life Cycle
THS3001
±15-V 420-MHz Low-Distortion CFB Amplifier
• Extended Product-Change Notification
THS3061/2
±15-V 300-MHz Low-Distortion CFB Amplifier
• Product Traceability
THS3122
±15-V Dual CFB Amplifier With 350-mA Drive
THS4271
±7.5-V 1.4-GHz Low-Distortion VFB Amplifier
• High-Resolution, High-Sampling-Rate
Analog-to-Digital Converter Drivers
• High-Resolution, High-Sampling-Rate
Digital-to-Analog Converter Output Buffers
• Test and Measurement
• ATE
(1)
Additional temperature ranges are available - contact factory
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3201MDGNREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201MDGNREP TI1-THS3201MDGNREP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results

Similar Description - THS3201MDGNREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com