Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22417CV64EVB Datasheet(PDF) 6 Page - Exar Corporation

Part # XR22417CV64EVB
Description  USB 2.0 7-Port Hub
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22417CV64EVB Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR22417CV64EVB Datasheet HTML 2Page - Exar Corporation XR22417CV64EVB Datasheet HTML 3Page - Exar Corporation XR22417CV64EVB Datasheet HTML 4Page - Exar Corporation XR22417CV64EVB Datasheet HTML 5Page - Exar Corporation XR22417CV64EVB Datasheet HTML 6Page - Exar Corporation XR22417CV64EVB Datasheet HTML 7Page - Exar Corporation XR22417CV64EVB Datasheet HTML 8Page - Exar Corporation XR22417CV64EVB Datasheet HTML 9Page - Exar Corporation XR22417CV64EVB Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
XR
22417
6/17
REV1A
Pin Functions (Continued)
LQFP-48
Pin Number
LQFP-64
Pin Number
Pin Name
Type
Description
-
58
OVC5#
I
Downstream port 5 over current indicator, active low.
-
59
PWR1#
OD
Power enable for port 1 downstream device. Asserted if OVC1# input is asserted or
device is not configured.
-
60
OVC1#
I
Downstream port 1 over current indicator, active low.
-
61
PWR2#
OD
Power enable for port 2 downstream device, active low.
-
62
OVC2#
I
Downstream port 2 over current indicator, active low.
43
-
TEST1#
I
Test input. Use pull-up resistor to 3.3V for normal operation.
44
-
TEST2#
O
Test output. Leave unconnected.
45
-
TEST3#
I
Test input. Use pull-up resistor to 3.3V for normal operation.
46
63
LED7
O
Port 7 LED Indicator. May be used in conjunction with LED_CTL pin.
47
64
LED6
O
Port 6 LED Indicator. May be used in conjunction with LED_CTL pin.
NOTE:
Type: I = Input, O = Output, I/O = Input/Output, PWR = Power, OD = Open-Drain.


Similar Part No. - XR22417CV64EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR22414CL48EVB EXAR-XR22414CL48EVB Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414CL48TR-F EXAR-XR22414CL48TR-F Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414CV48EVB EXAR-XR22414CV48EVB Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414CV48TR-F EXAR-XR22414CV48TR-F Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
More results

Similar Description - XR22417CV64EVB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
   7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
   Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
   7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
   USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
   USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com