Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22404CG28-F Datasheet(PDF) 5 Page - Exar Corporation

Part # XR22404CG28-F
Description  USB 2.0 4-Port Hub
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22404CG28-F Datasheet(HTML) 5 Page - Exar Corporation

  XR22404CG28-F Datasheet HTML 1Page - Exar Corporation XR22404CG28-F Datasheet HTML 2Page - Exar Corporation XR22404CG28-F Datasheet HTML 3Page - Exar Corporation XR22404CG28-F Datasheet HTML 4Page - Exar Corporation XR22404CG28-F Datasheet HTML 5Page - Exar Corporation XR22404CG28-F Datasheet HTML 6Page - Exar Corporation XR22404CG28-F Datasheet HTML 7Page - Exar Corporation XR22404CG28-F Datasheet HTML 8Page - Exar Corporation XR22404CG28-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
XR
22404
5/14
REV1A
Pin Functions
QFN-24
Pin Number
SSOP-28
Pin Number
Pin Name
Type Description
Center Pad
1
GND
PWR
Digital ground (in QFN package Center Pad must be connected to digital ground).
3
2
XTALOUT
O
12 MHz crystal feedback output.
4
3
XTALIN
I
12 MHz ± 50 ppm crystal input with load capacitance rating of 16-20 pF.
5
4
DM4
I/O
Downstream port 4 USB D- data.
6
5
DP4
I/O
Downstream port 4 USB D+ data.
7
6
DM3
I/O
Downstream port 3 USB D- data.
8
7
DP3
I/O
Downstream port 3 USB D+ data.
9
8
DM2
I/O
Downstream port 2 USB D- data.
10
9
DP2
I/O
Downstream port 2 USB D+ data.
11
10
DM1
I/O
Downstream port 1 USB D- data.
12
11
DP1
I/O
Downstream port 1 USB D+ data.
-
12
TEST2
-
Leave unconnected for normal operation.
-
13
TEST3
-
Leave unconnected for normal operation.
13
14
REXT
I
External bias resistor. Connect 2.7kΩ 1% resistor from this pin to GND.
14
15
UP_DM
I/O
Upstream port USB D- data.
15
16
UP_DP
I/O
Upstream port USB D+ data.
16
17
EXT_RST#
I
External reset input, active low. Must be asserted for a minimum of 10 µS.
17
18
VBUS_SENSE
I
Active high. Indicates connection to USB host. Connect to VBUS power input from
USB host through series 10kΩ registor. A 100kΩ pull-down registor and 100nF shunt
capacitance are required on this pin.
18
19
BUS_PWR#
I
Bus power indicator, active low. For bus powered mode, connect to ground. For self-
powered mode, connect to logic ‘1’.
19
20
VCC5
PWR
5V power to internal 5V to 3.3V regulator, unused when device is powered by 3.3V.
20
21
VCC33
PWR
3.3V power input, when device is powered by 3.3V. If device is powered by 5V to VCC5
pin, decouple this pin with 4.7 µF.
21
22
LED_CTL/
CHRGEN
I/O
LED hub active indicator or downstream port charge enable, active high. May also be
used in conjunction with port status LEDs. If sampled high during power up reset,
all downstream ports may be used as charging ports. Refer to Table 1.
22
23
LED1/SCL
I/O
Port 1 LED indicator or I2C clock for external EEPROM. Max source current 3 mA. May be
used in conjunction with LED_CTL/CHRGEN pin.
23
24
LED2
I/O
Port 2 LED indicator. Max source current 3 mA. May be used in conjunction with DRV pin.
Refer to Figure 3.
24
25
PWR#
O
Power enable for all downstream devices. Asserted when XR22404 device is configured
and OVC# is not asserted. Deasserted (high) if OVC# input is asserted or XR22404 is
not configured.
1
26
OVC#
I
Downstream port global overcurrent indicator, active low.
2
27
TEST#/SDA
I
Test mode enable, active low or I2C serial data for external EEPROM. Tie to logic ‘1’ for
normal device operation or connect to serial data of I2C EEPROM.
-
28
TEST4
-
Leave unconnected for normal operation.
NOTE:
Type: I = Input, O = Output, I/O = Input/Output, PWR = Power, OD = Open-Drain.


Similar Part No. - XR22404CG28-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2240 EXAR-XR2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
More results

Similar Description - XR22404CG28-F

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
   4-PORT USB 2.0 HUB CONTROLLER
logo
Exar Corporation
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
   Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
SMSC Corporation
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
   4-Port USB 2.0 Hi-Speed Hub
logo
SMSC Corporation
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com