Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22417 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR22417
Description  USB 2.0 7-Port Hub
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22417 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR22417 Datasheet HTML 6Page - Exar Corporation XR22417 Datasheet HTML 7Page - Exar Corporation XR22417 Datasheet HTML 8Page - Exar Corporation XR22417 Datasheet HTML 9Page - Exar Corporation XR22417 Datasheet HTML 10Page - Exar Corporation XR22417 Datasheet HTML 11Page - Exar Corporation XR22417 Datasheet HTML 12Page - Exar Corporation XR22417 Datasheet HTML 13Page - Exar Corporation XR22417 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
XR
22417
10/17
REV1A
Applications Information (Continued)
Configurations for Reduced Downstream Ports
The number of usable downstream ports of the XR22417 may be configured using an external EEPROM. Additionally,
the number of usable downstream ports may be reduced from 7 down to a minimum of 4 by strapping options on the device,
shown in Table 2. Both the EEPROM values and the strapping options will change the bNbrPorts field of the hub descriptor
reported to the USB host. LED pins for unusable downstream ports are disabled.
Table 2: Strapping Options for Reducing Usable Downstream Ports
Usable Downstream Ports
LED7
LED6
4, 3, 2, 1
Logic ‘0’
Logic ‘0’
5, 4, 3, 2, 1
Normal
Logic ‘0’
6, 5, 4, 3, 2, 1
Logic ‘0’
Normal
7, 6, 5, 4, 3, 2, 1
Normal
Normal
Configurations for Non-Removable Devices
Non-removable devices are reported in the device removable field of the hub descriptor. They can be identified by
strapping options. LED pins for non-removable downstream ports are disabled.
Table 3: Strapping Options for Configuring Non-Removable Downstream Ports
Non-Removable Downstream Ports
LED4
LED3
LED2
None
Normal
Normal
Normal
2
Normal
Normal
Logic ‘0’
3, 2
Normal
Logic ‘0’
Normal
3, 2, 1
Normal
Logic ‘0’
Logic ‘0’
4, 3, 2, 1
Logic ‘0’
Normal
Normal
5, 4, 3, 2, 1
Logic ‘0’
Normal
Logic ‘0’
6, 5, 4, 3, 2, 1
Logic ‘0’
Logic ‘0’
Normal
7, 6, 5, 4, 3, 2, 1
Logic ‘0’
Logic ‘0’
Logic ‘0’


Similar Part No. - XR22417

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR22414CL48EVB EXAR-XR22414CL48EVB Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414CL48TR-F EXAR-XR22414CL48TR-F Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414CV48EVB EXAR-XR22414CV48EVB Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414CV48TR-F EXAR-XR22414CV48TR-F Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
   USB 2.0 4-Port MTT Hub
More results

Similar Description - XR22417

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
   7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
   Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
   7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
   USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
   USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com