Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM15-150-Q48 Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # SPM15-150-Q48
Description  Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SPM15-150-Q48 Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button SPM15-150-Q48 Datasheet HTML 3Page - Murata Power Solutions Inc. SPM15-150-Q48 Datasheet HTML 4Page - Murata Power Solutions Inc. SPM15-150-Q48 Datasheet HTML 5Page - Murata Power Solutions Inc. SPM15-150-Q48 Datasheet HTML 6Page - Murata Power Solutions Inc. SPM15-150-Q48 Datasheet HTML 7Page - Murata Power Solutions Inc. SPM15-150-Q48 Datasheet HTML 8Page - Murata Power Solutions Inc. SPM15-150-Q48 Datasheet HTML 9Page - Murata Power Solutions Inc. SPM15-150-Q48 Datasheet HTML 10Page - Murata Power Solutions Inc. SPM15-150-Q48 Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
SPM15 Series
Single Output Potted Metal Package
Isolated 15-Watt DC-DC Converters
MDC_SPM15.C03 Page 7 of 36
www.murata-ps.com/support
OUTPUT
Conditions
➀ ➂
Minimum
Typical/Nominal
Maximum
Units
Total Output Power
1.63
16.5
16.75
W
Voltage
Nominal Output Voltage
No trim
3.2505
3.3
3.3495
Vdc
Setting Accuracy
At 50% load, no trim
1.5
% of Vnom
Output Voltage Range
User-adjustable
-10
10
% of Vnom
Overvoltage Protection
Via magnetic feedback
4
5
5.6
Vdc
Current
Output Current Range
0.5
5
5
A
Current Limit Inception
98% of Vnom., after warmup
5.9
7.3
8.4
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within
±1.25% of Vout
0.3
A
Short Circuit Duration (remove short for
recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Current limiting
Regulation
Line Regulation
Vin = min. to max., Vout = nom., Iout = nom.
±0.25
% of Vout
Load Regulation
Iout = min. to max., Vin = 48V
±0.25
% of Vout
Ripple and Noise
20 MHz BW, Vin = 48V
30
60
mV pk-pk
Temperature Coefficient
At all outputs
0.02
% of Vnom./°C
Maximum Capacitive Loading
Low ESR
5000
μF
MECHANICAL
Outline Dimensions
1 x 1 x 0.41
Inches
(Please refer to outline drawing)
WxLxH
25.4 x 25.4 x 10.41
mm
Weight
0.69
Ounces
19.56
Grams
Through Hole Pin Diameter
0.04
Inches
1.016
mm
Through Hole Pin Material
Copper alloy
TH Pin Plating Metal and Thickness
Nickel subplate
50
μ-inches
Gold overplate
5
μ-inches
ENVIRONMENTAL
Operating Ambient Temperature Range
See derating
-40
85
°C
Case Material
Tin plated steel with black powder coat
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Thermal Protection/Shutdown
Measured in center
120
130
140
°C
Electromagnetic Interference
External filter is required
Conducted, EN55022/CISPR22
B
Class
RoHS rating
RoHS-6
FUNCTIONAL SPECIFICATIONS (CONT.) – MODEL SPM15-033-Q48
Notes
➀ Unless otherwise noted, all specifications are at nominal input voltage, nominal out-
put voltage and full load. General conditions are +25˚ Celsius ambient temperature,
near sea level altitude, natural convection airflow. All models are tested and specified
with external parallel 1 μF and 10 μF output capacitors. The external input capacitor
is 100 μF, electrolytic. All capacitors are low-ESR types wired close to the converter.
➁ Input (back) ripple current is tested and specified over 5 Hz to 20 MHz bandwidth.
Input filtering is Cbus=220 μF, Cin=33 μF and Lbus=12 μH.
➂ The Remote On/Off Control is referred to -Vin.


Similar Part No. - SPM15-150-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SPM15-150-Q48 MURATA-PS-SPM15-150-Q48 Datasheet
1,010Kb / 36P
   Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
2016
More results

Similar Description - SPM15-150-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SPM25 MURATA1-SPM25 Datasheet
840Kb / 20P
   Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
logo
Murata Manufacturing Co...
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
   Single Output Isolated 25-Watt DC/DC Converters
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Intronics Power, Inc.
DC-1700 INTRONICS-DC-1700 Datasheet
192Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1500 INTRONICS-DC1500 Datasheet
165Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1600 INTRONICS-DC1600 Datasheet
172Kb / 1P
   15 Watt Triple Output DC-DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
Astrodyne Corporation
LCD15W ASTRODYNE-LCD15W Datasheet
602Kb / 4P
   Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
logo
List of Unclassifed Man...
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com