Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45-D48 Datasheet(PDF) 11 Page - Murata Power Solutions Inc.

Part # 45-D48
Description  Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC-DC Converters
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

45-D48 Datasheet(HTML) 11 Page - Murata Power Solutions Inc.

Back Button 45-D48 Datasheet HTML 7Page - Murata Power Solutions Inc. 45-D48 Datasheet HTML 8Page - Murata Power Solutions Inc. 45-D48 Datasheet HTML 9Page - Murata Power Solutions Inc. 45-D48 Datasheet HTML 10Page - Murata Power Solutions Inc. 45-D48 Datasheet HTML 11Page - Murata Power Solutions Inc. 45-D48 Datasheet HTML 12Page - Murata Power Solutions Inc. 45-D48 Datasheet HTML 13Page - Murata Power Solutions Inc. 45-D48 Datasheet HTML 14Page - Murata Power Solutions Inc. 45-D48 Datasheet HTML 15Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.murata-ps.com/support
UEE 150W Series
Isolated, High-Density, Eighth-Brick
DOSA Low Profile DC-DC Converters
MDC_UEE 150W_Series.A02 Page 11 of 35
OUTPUT
Conditions
Minimum
Typical/Nominal
Maximum
Units
Total Output Power
See Derating
150
151.5
W
Voltage
Nominal Output Voltage
No trim
4.95
5
5.05
Vdc
Setting Accuracy
At 50% load, no trim
-1
1
% of Vnom
Output Voltage Range
User-adjustable
-20
10
% of Vnom.
Overvoltage Protection
Via magnetic feedback
6.5
7.5
Vdc
Current
Output Current Range
030
30
A
Current Limit Inception
10% of Vnom., after warmup
35
40
45
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within ±1.25%
of Vout
34
A
Short Circuit Duration
(remove short for recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Current limiting
Yes
Regulation
Line Regulation
Vin = min. to max., Vout = nom., Iout = nom.
±0.1
% of Vout
Load Regulation
Iout = min. to max., Vin = 48V
±0.1
% of Vout
Ripple and Noise
5 Hz- 20 MHz BW
50
80
mV pk-pk
Temperature Coefficient
At all outputs
0.02
% of Vout./°C
Maximum Capacitive Loading
Low ESR
220
10000
μF
MECHANICAL (Through Hole Models)
Outline Dimensions
2.3 x 0.9 x 0.42
Inches
(Please refer to outline drawing)
L x W x H
58.42 x 22.9 x 10.7
mm
Weight
No baseplate
1.09
Ounces
31
Grams
With baseplate
tbd
Ounces
tbd
Grams
Through Hole Pin Diameter
0.04 & 0.062
Inches
1.016 & 1.575
mm
Through Hole Pin Material
Copper alloy
TH Pin Plating Metal and Thickness
Nickel subplate
100-299
μ-inches
Gold overplate
10-31
μ-inches
ENVIRONMENTAL
Operating Ambient Temperature Range
With Derating
-40
85
°C
Operating Case Temperature Range
No derating.
-40
115
°C
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Thermal Protection/Shutdown
Measured in center
115
125
130
°C
Electromagnetic Interference
External filter is required
Conducted, EN55022/CISPR22
A
Class
RoHS rating
RoHS-6
FUNCTIONAL SPECIFICATIONS, UEE-5/30-D48 (CONT.)
Notes
➀ Unless otherwise noted, all specifications are at nominal input voltage, nominal output voltage and
full load.
General conditions are +25˚ Celsius ambient temperature, near sea level altitude, natural convec-
tion airflow.
All models are tested and specified with external parallel 1 μF and 10 μF multi-layer ceramic
output capacitors.
A 220μF external input capacitor is used. All capacitors are low-ESR types wired close to the
converter.
➁ Input (back) ripple current is tested and specified over 5 Hz to 20 MHz bandwidth. Input filtering is
Cbus=220 μF, Cin=33 μF and Lbus=12 μH.
➂ All models are stable and regulate to specification under no load.
➃ The Remote On/Off Control is referred to -Vin. For external transistor control, use open collector
logic or equivalent.
➄ NOTICE—Please use only this customer data sheet as product documentation when laying out your
printed circuit boards and applying this product into your application. Do NOT use other materials as
official documentation such as advertisements, product announcements, or website graphics.
We strive to have all technical data in this customer data sheet highly accurate and complete. This cus-
tomer data sheet is revision-controlled and dated. The latest customer data sheet revision is normally
on our website (www.murata-ps.com) for products which are fully released to Manufacturing. Please be
especially careful using any data sheets labeled “Preliminary” since data may change without notice.
The pinout (Pxx) and case (Cxx) designations (typically P32 or C56) refer to a generic family of
closely related information. It may not be a single pinout or unique case outline. Please be aware
of small details which may affect your application and PC board layouts. Study the Mechanical
Outline drawings, Input/Output Connection table and all footnotes very carefully. Please contact
Murata Power Solutions if you have any questions.


Similar Part No. - 45-D48

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-11-BNSB-39404501E8 EVERLIGHT-45-11-BNSB-39404501E8 Datasheet
316Kb / 19P
   Hyper Mini Top View LEDs
45-11UNC EVERLIGHT-45-11UNC Datasheet
254Kb / 14P
   Top View LEDs
45-11UNC/XXXXXXX/TR8 EVERLIGHT-45-11UNC/XXXXXXX/TR8 Datasheet
254Kb / 14P
   Top View LEDs
logo
OEN India Limited
45-12-AE OENINDIA-45-12-AE Datasheet
341Kb / 2P
   AUTOMOTIVE PCB RELAY
logo
Everlight Electronics C...
45-21 EVERLIGHT-45-21 Datasheet
434Kb / 16P
   SMD Low Power LED
More results

Similar Description - 45-D48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEE MURATA-UEE Datasheet
1Mb / 29P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
UVQ_SERIES MURATA-UVQ_SERIES Datasheet
438Kb / 25P
   Low Profi le, Isolated Quarter Brick 2.5 40 Amp DC/DC Converters
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com