Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC4245A-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC4245A-EP
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC4245A-EP Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC4245A-EP Datasheet HTML 1Page - Texas Instruments SN74LVC4245A-EP Datasheet HTML 2Page - Texas Instruments SN74LVC4245A-EP Datasheet HTML 3Page - Texas Instruments SN74LVC4245A-EP Datasheet HTML 4Page - Texas Instruments SN74LVC4245A-EP Datasheet HTML 5Page - Texas Instruments SN74LVC4245A-EP Datasheet HTML 6Page - Texas Instruments SN74LVC4245A-EP Datasheet HTML 7Page - Texas Instruments SN74LVC4245A-EP Datasheet HTML 8Page - Texas Instruments SN74LVC4245A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Electrical Characteristics
(1)
Electrical Characteristics
(1)
SN74LVC4245A-EP
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER
WITH 3-STATE OUTPUTS
SCAS742 – DECEMBER 2003 – REVISED AUGUST 2005
over recommended operating free-air temperature range for V
CCA = 4.5 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
MIN TYP(2)
MAX
UNIT
4.5 V
4.3
IOH = –100 µA
5.5 V
5.3
VOH
V
4.5 V
3.7
IOH = –24 mA
5.5 V
4.7
4.5 V
0.2
IOL = 100 µA
5.5 V
0.2
VOL
V
4.5 V
0.55
IOL = 24 mA
5.5 V
0.55
II
Control inputs
VI = VCCA or GND
5.5 V
±1
µA
IOZ(3)
A port
VO = VCCA or GND
5.5 V
±5
µA
ICCA
VI = VCCA or GND,
IO = 0
5.5 V
80
µA
∆I
CCA
(4)
One input at 3.4 V,
Other inputs at VCCA or GND
5.5 V
1.5
mA
Ci
Control inputs
VI = VCCA or GND
Open
5
pF
Cio
A port
VO = VCCA or GND
5 V
11
pF
(1)
VCCB = 2.7 V to 3.6 V
(2)
All typical values are measured at VCC = 5 V, TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or the associated
VCC.
over recommended operating free-air temperature range for V
CCB = 2.7 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCB
MIN TYP(2)
MAX
UNIT
IOH = –100 µA
2.7 V to 3.6 V
VCC – 0.2
2.7 V
2.2
VOH
IOH = –12 mA
V
3 V
2.4
IOH = –24 mA
3 V
2
IOL = 100 µA
2.7 V to 3.6 V
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
IOZ(3)
B port
VO = VCCB or GND
3.6 V
±5
µA
ICCB
VI = VCCB or GND,
IO = 0
3.6 V
50
µA
∆I
CCB
(4)
One input at VCCB – 0.6 V,
Other inputs at VCCB or GND
2.7 V to 3.6 V
0.5
mA
Cio
B port
VO = VCCB or GND
3.3 V
11
pF
(1)
VCCA = 5 V ± 0.5 V
(2)
All typical values are measured at VCC = 3.3 V, TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or the associated
VCC.
5


Similar Part No. - SN74LVC4245A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A-EP TI-SN74LVC4245A-EP Datasheet
201Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC4245A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_07 Datasheet
366Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A-EP TI-SN74LVC4245A-EP Datasheet
201Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A Datasheet
110Kb / 11P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
HD74LVC4245A RENESAS-HD74LVC4245A_05 Datasheet
92Kb / 9P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
HD74LVC4245A RENESAS-HD74LVC4245A_15 Datasheet
118Kb / 11P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Diodes Incorporated
74LVT245BB DIODES-74LVT245BB Datasheet
495Kb / 10P
   3.3 V OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
June 2016
logo
Texas Instruments
SN74LV8T245 TI-SN74LV8T245_V02 Datasheet
1Mb / 31P
[Old version datasheet]   SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
SN74LV8T245 TI-SN74LV8T245_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com