Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G07MDCKTEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07MDCKTEP
Description  DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G07MDCKTEP Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G07MDCKTEP Datasheet HTML 1Page - Texas Instruments SN74LVC2G07MDCKTEP Datasheet HTML 2Page - Texas Instruments SN74LVC2G07MDCKTEP Datasheet HTML 3Page - Texas Instruments SN74LVC2G07MDCKTEP Datasheet HTML 4Page - Texas Instruments SN74LVC2G07MDCKTEP Datasheet HTML 5Page - Texas Instruments SN74LVC2G07MDCKTEP Datasheet HTML 6Page - Texas Instruments SN74LVC2G07MDCKTEP Datasheet HTML 7Page - Texas Instruments SN74LVC2G07MDCKTEP Datasheet HTML 8Page - Texas Instruments SN74LVC2G07MDCKTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Recommended Operating Conditions
Electrical Characteristics
SN74LVC2G07-EP
www.ti.com ....................................................................................................................................................................................................... SCES719 – MAY 2008
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7
× V
CC
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3
× V
CC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
5.5
V
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
24
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
Δt/Δv
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–55
125
°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 24 mA
4.5 V
0.55
II
A inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
µA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
µA
Ci
VI = VCC or GND
3.3 V
3.5
pF
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74LVC2G07-EP


Similar Part No. - SN74LVC2G07MDCKTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LVC2G07MDCKTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06_09 Datasheet
577Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com