Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G07-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07-EP
Description  DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G07-EP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G07-EP Datasheet HTML 1Page - Texas Instruments SN74LVC2G07-EP Datasheet HTML 2Page - Texas Instruments SN74LVC2G07-EP Datasheet HTML 3Page - Texas Instruments SN74LVC2G07-EP Datasheet HTML 4Page - Texas Instruments SN74LVC2G07-EP Datasheet HTML 5Page - Texas Instruments SN74LVC2G07-EP Datasheet HTML 6Page - Texas Instruments SN74LVC2G07-EP Datasheet HTML 7Page - Texas Instruments SN74LVC2G07-EP Datasheet HTML 8Page - Texas Instruments SN74LVC2G07-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FEATURES
Seemechanicaldrawingsfordimensions.
DCKPACKAGE
(TOP VIEW)
3
4
2A
2
GND
2Y
5
1
1A
V
CC
6
1Y
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G07-EP
www.ti.com ....................................................................................................................................................................................................... SCES719 – MAY 2008
DUAL BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUTS
• Controlled Baseline
• Inputs and Open-Drain Outputs Accept
Voltages up to 5.5 V
One Assembly Site
• Max t
pd of 5.7 ns at 3.3 V
One Test Site
• Low Power Consumption, 10 µA Max I
CC
One Fabrication Site
• ±24-mA Output Drive at 3.3 V
• Extended Temperature Performance of –55°C
to 125
°C
• Typical V
OLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Typical V
OHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Enhanced Product-Change Notification
• I
off Supports Partial-Power-Down Mode
• Qualification Pedigree (1)
Operation
• Supports 5-V V
CC Operation
• Latch-Up Performance Exceeds 100 mA Per
(1)
Component qualification in accordance with JEDEC and
JESD 78, Class II
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
• ESD Protection Exceeds JESD 22
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
2000-V Human-Body Model (A114-A)
electromigration, bond intermetallic life, and mold compound
200-V Machine Model (A115-A)
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
1000-V Charged-Device Model (C101)
performance and environmental limits.
This dual buffer/driver is designed for 1.65-V to 5.5-V VCC operation. The output of the SN74LVC2G07 is open
drain and can be connected to other open-drain outputs to implement active low wired OR or active high wired
AND functions. The maximum sink current is 32 mA.
This device is fully specified for partial power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C SOT (SC-70) – DCK
Reel of 250
SN74LVC2G07MDCKTEP
CHC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G07-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI-SN74LVC2G07-EP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI-SN74LVC2G07-EP Datasheet
2Mb / 31P
[Old version datasheet]   SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
More results

Similar Description - SN74LVC2G07-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06_09 Datasheet
577Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com