Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G11MDCKREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G11MDCKREP
Description  SINGLE 3-INPUT POSITIVE AND GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G11MDCKREP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G11MDCKREP Datasheet HTML 1Page - Texas Instruments SN74LVC1G11MDCKREP Datasheet HTML 2Page - Texas Instruments SN74LVC1G11MDCKREP Datasheet HTML 3Page - Texas Instruments SN74LVC1G11MDCKREP Datasheet HTML 4Page - Texas Instruments SN74LVC1G11MDCKREP Datasheet HTML 5Page - Texas Instruments SN74LVC1G11MDCKREP Datasheet HTML 6Page - Texas Instruments SN74LVC1G11MDCKREP Datasheet HTML 7Page - Texas Instruments SN74LVC1G11MDCKREP Datasheet HTML 8Page - Texas Instruments SN74LVC1G11MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
DESCRIPTION/ORDERING INFORMATION
The SN74LVC1G11 performs the Boolean function Y + A • B • C or Y + A ) B ) C in positive logic.
SN74LVC1G11-EP
www.ti.com ...................................................................................................................................................................................................... SCES787 – JULY 2009
SINGLE 3-INPUT POSITIVE AND GATE
2
• Available in the Texas Instruments NanoFree™
Package
AND MEDICAL APPLICATIONS
• Controlled Baseline
• Supports 5-V V
CC Operation
• One Assembly/Test Site
• Inputs Accept Voltages to 5.5 V
• One Fabrication Site
• Max t
pd of 5.9 ns at 3.3 V
• Available in Military (–55°C/125°C)
• Low Power Consumption, 10-µA Max I
CC
Temperature Range(1)
• ±24-mA Output Drive at 3.3 V
• Extended Product Life Cycle
• I
off Supports Partial-Power-Down Mode
• Extended Product-Change Notification
Operation
• Product Traceability
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
(1)
Additional temperature ranges are available - contact factory
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
SOT (SC-70) – DCK
Reel of 3000
SN74LVC1G11DCKREP
OBF
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G11MDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G11MDCKREP TI-SN74LVC1G11MDCKREP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
More results

Similar Description - SN74LVC1G11MDCKREP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE AND GATE
logo
Diodes Incorporated
74LVC1G11 DIODES-74LVC1G11 Datasheet
256Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11_10 Datasheet
614Kb / 14P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI-SN74LVC1G11_07 Datasheet
392Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI1-SN74LVC1G11_15 Datasheet
1Mb / 30P
[Old version datasheet]   Single 3-Input Positive-AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com