Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G11-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G11-EP
Description  SINGLE 3-INPUT POSITIVE AND GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G11-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G11-EP Datasheet HTML 2Page - Texas Instruments SN74LVC1G11-EP Datasheet HTML 3Page - Texas Instruments SN74LVC1G11-EP Datasheet HTML 4Page - Texas Instruments SN74LVC1G11-EP Datasheet HTML 5Page - Texas Instruments SN74LVC1G11-EP Datasheet HTML 6Page - Texas Instruments SN74LVC1G11-EP Datasheet HTML 7Page - Texas Instruments SN74LVC1G11-EP Datasheet HTML 8Page - Texas Instruments SN74LVC1G11-EP Datasheet HTML 9Page - Texas Instruments SN74LVC1G11-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
SN74LVC1G11MDCKREP
ACTIVE
SC70
DCK
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
OBF
V62/09621-01XE
ACTIVE
SC70
DCK
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
OBF
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN74LVC1G11-EP :


Similar Part No. - SN74LVC1G11-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
More results

Similar Description - SN74LVC1G11-EP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE AND GATE
logo
Diodes Incorporated
74LVC1G11 DIODES-74LVC1G11 Datasheet
256Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11_10 Datasheet
614Kb / 14P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI-SN74LVC1G11_07 Datasheet
392Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI1-SN74LVC1G11_15 Datasheet
1Mb / 30P
[Old version datasheet]   Single 3-Input Positive-AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com