Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9320B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9320B
Description  1:2 Differential PECL/ECL/LVPECL/LVECL Clock and Data Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9320B Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9320B Datasheet HTML 1Page - Maxim Integrated Products MAX9320B Datasheet HTML 2Page - Maxim Integrated Products MAX9320B Datasheet HTML 3Page - Maxim Integrated Products MAX9320B Datasheet HTML 4Page - Maxim Integrated Products MAX9320B Datasheet HTML 5Page - Maxim Integrated Products MAX9320B Datasheet HTML 6Page - Maxim Integrated Products MAX9320B Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX9320B low-skew, 1-to-2 differential driver is
designed for clock and data distribution. The input is
reproduced at two differential outputs. The differential
input can be adapted to accept single-ended inputs by
applying an external reference voltage.
The MAX9320B features ultra-low propagation delay
(208ps), part-to-part skew (20ps), and output-to-output
skew (6ps) with 30mA maximum supply current, mak-
ing this device ideal for clock distribution. For interfac-
ing to differential PECL and LVPECL signals, this
device operates over a +3.0V to +5.5V supply range,
allowing high-performance clock or data distribution in
systems with a nominal 3.3V or 5V supply. For differen-
tial ECL and LVECL operation, this device operates
from a -3.0V to -5.5V supply.
The MAX9320B is offered in industry-standard 8-pin
TSSOP and SO packages.
Applications
Precision Clock Distribution
Low-Jitter Data Repeater
Protection Switching
Features
o Improved Second Source of the MC10EP11D
o +3.0V to +5.5V Differential PECL/LVPECL
Operation
o -3.0V to -5.5V ECL/LVECL Operation
o Low 22mA Supply Current
o 20ps Part-to-Part Skew
o 6ps Output-to-Output Skew
o 208ps Propagation Delay
o Minimum 300mV Output at 3GHz
o Outputs Low for Open Input
o ESD Protection >2kV (Human Body Model)
1:2 Differential PECL/ECL/LVPECL/LVECL
Clock and Data Driver
________________________________________________________________ Maxim Integrated Products
1
60k
100k
80k
50k
6
TSSOP/SO
Q0
Q1
1
2
3
4
8
D
5 VEE
7 D
VCC
MAX9320B
Q1
Q0
Pin Configuration
19-2383; Rev 1; 11/03
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX9320BESA
-40°C to +85°C
8 SO
MAX9320BEUA
-40°C to +85°C
8 TSSOP
Figure 1. Differential Transition Time and Propagation Delay
Timing Diagram
0V (DIFFERENTIAL)
80%
20%
80%
20%
0V (DIFFERENTIAL)
VOH - VOL
VIHD - VILD
VIHD
VILD
VOH
VOL
Q_
Q
tPLHD
tPHLD
tR
tF
D
D
(Q_) - (Q_)


Similar Part No. - MAX9320B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9320 MAXIM-MAX9320 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320A MAXIM-MAX9320A Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9320A MAXIM-MAX9320A Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320AEKA MAXIM-MAX9320AEKA Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
More results

Similar Description - MAX9320B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9320 MAXIM-MAX9320_V01 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com