Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-400ANH3 Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # PV-400ANH3
Description  NH photovoltaic fuse links
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-400ANH3 Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

  PV-400ANH3 Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-400ANH3 Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-400ANH3 Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-400ANH3 Datasheet HTML 4Page - Cooper Bussmann, Inc. PV-400ANH3 Datasheet HTML 5Page - Cooper Bussmann, Inc. PV-400ANH3 Datasheet HTML 6Page - Cooper Bussmann, Inc. PV-400ANH3 Datasheet HTML 7Page - Cooper Bussmann, Inc. PV-400ANH3 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Technical Data 720133
Effective January 2016
Bussmann series NH photovoltaic fuse links
Eaton
EMEA Headquarters
Route de la Longeraie 7
1110 Morges, Switzerland
Electrical Sector
Eaton
Melton road, Burton-on-the-wolds
LE12 5TH, United Kingdom
Eaton.eu
© 2016 Eaton
All Rights Reserved
Publication No. 720133
January 2016
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
50
60
70
80
90
100
PV Array fuse link derating with temperature
0
10
20
30
40
20
30
40
50
60
70
80
Ambient temperature (
C)
Temperature derating for blades without bolt holes, with bolt holes (with or without lugs)
0.01
0.1
1
10
100
1000
10000
10
100
1000
10000
Prospective current (A)
400A
315A
355A
Time current-curve - Blade with bolt holes, with or without lugs
NH size 3
Changes to the products, to the information
contained in this document, and to prices
are reserved; so are errors and omissions.
Only order confirmations and technical
documentation by Eaton is binding. Photos
and pictures also do not warrant a specific
layout or functionality. Their use in whatever
form is subject to prior approval by Eaton.
The same applies to Trademarks (especially
Eaton, Moeller, and Cutler-Hammer). The
Terms and Conditions of Eaton apply, as
referenced on Eaton Internet pages and
Eaton order confirmations.


Similar Part No. - PV-400ANH3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV-400ANH3 ETC1-PV-400ANH3 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
More results

Similar Description - PV-400ANH3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
2NHG000B-690 COOPER-2NHG000B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
   XL Fuse bases for XL Style photovoltaic fuse links
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
2NHG000B-690 ETC1-2NHG000B-690 Datasheet
614Kb / 9P
   690 Volts gG/gL NH Fuse links
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
   14 x 65 mm Photovoltaic fuse links
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com