Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U86-D-1600-12-HB4DC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # D1U86-D-1600-12-HB4DC
Description  86mm 1U Front End DC-DC Power Supply Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U86-D-1600-12-HB4DC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  D1U86-D-1600-12-HB4DC Datasheet HTML 1Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB4DC Datasheet HTML 2Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB4DC Datasheet HTML 3Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB4DC Datasheet HTML 4Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB4DC Datasheet HTML 5Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB4DC Datasheet HTML 6Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB4DC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D1U86-D-1600-12-HBxDC Series
86mm 1U Front End DC-DC Power Supply Converter
D1U86-D-1600-12-HBxDC.A02 Page 1 of 7
www.murata-ps.com/support
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
D1U86-D-1600-12-HB3DC variant shown
PRODUCT OVERVIEW
The D1U86-D-1600-12-HBxDC series are highly efficient 1600 watt, DC input front end supplies with a
12V main output and a 12V (30W) standby. They have current sharing and up to 8 supplies may be
operated in parallel. The supplies may be hot plugged, they recover from overtemperature faults, and
have logic and PMBus monitoring and control. Their low profile 1U package and >38.6W/cubic inch
power density make them ideal for delivering reliable, efficient power to servers, workstations, storage
systems and other 12V distributed power systems.
FEATURES
1600W output power
93% efficiency at half load
12V main output
12V standby output of 30W
1U height: 3.4" x 7.75" x 1.59"
38.6 Watts per cubic inch density
N+1 redundancy, including hot plugging (up to
8 in parallel)
Current sharing on 12V main output, ORing FET
Overvoltage, overcurrent, overtemperature
protection
Internal cooling fan (variable speed)
PMBus™ / I²C interface monitoring and control
RoHS compliant
Two Year Warranty
Available now at
www.murata-ps.com/en/3d/acdc.html
ORDERING GUIDE
Part Number
Power Output
Main Output
Standby Output1
Airflow
Handle
Colour
D1U86-D-1600-12-HB4DC
1600W
12Vdc
12Vdc
Back to front
Red
D1U86-D-1600-12-HB3DC
Front to back
Blue
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Nom.
Max.
Units
Input Voltage Operating Range-40
-48
-72
Vdc
Turn-on VoltageRamp up
-43
-43.5
-44
Vdc
Turn-off VoltageRamp down
-38.5
-39
-39.5
Maximum Current at Vin = -40Vdc 1600W
47
Adc
DC Line Inrush Peak Current
Cold start between 0 to
200msec
40
50
Apk
72
100
Efficiency (48V)
20% load
92
%
50% load
93
100% load
89
OUTPUT VOLTAGE CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
12V
Voltage Set Point
50% load
12.17
12.20
12.23
Vdc
Line and Load Regulation
11.4
12.6
Droop
3.10
mV/A
Ripple Voltage & Noise1
20MHz Bandwidth
120
mV p-p
Output Current
0
133.3
A
Load Capacitance
0
10000
μF
12VSB
Voltage Set Point
50% load
11.97
12.0
12.03
Vdc
Line and Load Regulation
11.4
12.6
Droop
120
mV/A
Ripple Voltage & Noise1
20MHz Bandwidth
120
mV p-p
Output Current
0
2.5
A
Load Capacitance
0
350
μF
1
Ripple and noise are measured with 0.1 μF of ceramic capacitance and 10 μF of tantalum capacitance on each of the power
supply outputs. A short coaxial cable with 50Ω scope termination is used.
CB
For full details go to
www.murata-ps.com/rohs
Test Certificate
and Test Report


Similar Part No. - D1U86-D-1600-12-HB4DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U86-D-1600-12-HB4DC MURATA-PS-D1U86-D-1600-12-HB4DC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86-D-1600-12-HB4DC MURATA-PS-D1U86-D-1600-12-HB4DC Datasheet
722Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
2023
More results

Similar Description - D1U86-D-1600-12-HB4DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86 MURATA-PS-D1U86 Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXXDC MURATA-PS-D1U86G-W-460-12-HXXDC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G MURATA-PS-D1U86G Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com