Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U54P-W-1200-12-HA3PC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # D1U54P-W-1200-12-HA3PC
Description  54mm 1U Front End AC-DC Power Supply Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U54P-W-1200-12-HA3PC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  D1U54P-W-1200-12-HA3PC Datasheet HTML 1Page - Murata Power Solutions Inc. D1U54P-W-1200-12-HA3PC Datasheet HTML 2Page - Murata Power Solutions Inc. D1U54P-W-1200-12-HA3PC Datasheet HTML 3Page - Murata Power Solutions Inc. D1U54P-W-1200-12-HA3PC Datasheet HTML 4Page - Murata Power Solutions Inc. D1U54P-W-1200-12-HA3PC Datasheet HTML 5Page - Murata Power Solutions Inc. D1U54P-W-1200-12-HA3PC Datasheet HTML 6Page - Murata Power Solutions Inc. D1U54P-W-1200-12-HA3PC Datasheet HTML 7Page - Murata Power Solutions Inc. D1U54P-W-1200-12-HA3PC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D1U54P-W-1200-12-HxxPC Series
54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HxxPC.A09 Page 1 of 8
www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
ORDERING GUIDE
Part Number
Power Output
High Line AC
Power Output
Low Line AC
Main
Output
Standby
Output
Airflow
D1U54P-W-1200-12-HC4PC
1200W
1100W
12Vdc
3.3Vdc
Back to front
D1U54P-W-1200-12-HA4PC
5Vdc
D1U54P-W-1200-12-HC3PC
3.3Vdc
Front to back
D1U54P-W-1200-12-HA3PC
5Vdc
1 Refer to page 7 for alternate input connector (HxxxPTC).
2 The HCxPC variants are certified for compliance to 80 PLUS® Platinum efficiency requirements.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Nom.
Max.
Units
Input Voltage Operating Range
90
115/230
264
Vac
Input Frequency
47
50/60
63
Hz
Turn-on Input Voltage
Ramp up
80
85
89
Vac
Turn-off Input Voltage
Ramp down
65
73
78
Maximum current at Vin = 100Vac
1100W
12
Arms
Inrush Current
Cold start between 0 to 200msec
25
Apk
Power Factor
At 230Vac, full load
0.99
Efficiency (230Vac) excluding fan load
20% load
90
%
50% load
94
100% load
91
OUTPUT VOLTAGE CHARACTERISTICS
Nominal
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
12V
Nominal Output Voltage
12
Vdc
Output Set Point Accuracy
50% load; Tamb =25°C
-0.5
+0.5
%
Line and Load Regulation
-1.0
+1.0
Ripple Voltage & Noise3
20MHz Bandwidth
150
mV p-p
Output Current (230Vac)
5
100
A
Output Current (120Vac)
5
90
Load Capacitance
0
30,000
μF
3.3VSB
Nominal Output Voltage
3.3
Vdc
Line and Load Regulation
3.14
3.46
Ripple Voltage & Noise3
20MHz Bandwidth
75
mV p-p
Output Current
3
A
Load Capacitance
1000
μF
5VSB
Nominal Output Voltage
5.0
Vdc
Line and Load Regulation
4.76
5.24
Ripple Voltage & Noise3
20MHz Bandwidth
75
mV p-p
Output Current
0
3
A
Load Capacitance
0
1000
μF
3 Ripple and noise are measured with 0.1 μF of ceramic capacitance and 10 μF of tantalum capacitance on each of
the power supply outputs. A short coaxial cable with 50Ω scope termination is used.
FEATURES
1200W output power
80 PLUS® Platinum efficiency
12V main output
3.3V and 5V standby output
1U height: 2.15" x 12.65" x 1.57"
28 Watts per cubic inch density
N+1 redundancy capable,
including hot plugging (up to 8 in parallel)
Active current sharing on 12V main output;
ORing FET
Overvoltage, overcurrent,
overtemperature protection
Internal cooling fan (variable speed)
PMBus™ / I²C interface with status indicators
RoHS compliant
Two-year warranty
PRODUCT OVERVIEW
The D1U54P-W-1200-12-HxxPC series are 80 PLUS® Platinum efficiency 1200 watt, power factor corrected front end
supplies with a 12V main output and a 3.3V (3A) or 5V (3A) standby. They have active current sharing and up to 8
supplies may be operated in parallel. The supplies may be hot plugged, they recover from overtemperature faults, and
have status LEDs on their front panel in addition to logic and PMBus™ status signals. Their low profile 1U package
and >28W/cubic inch power density make them ideal for delivering reliable, efficient power to servers, workstations,
storage systems and other 12V distributed power systems.
CB
Test Certificate
and Test Report
PM
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
Available now at
www.murata-ps.com/en/3d/acdc.html


Similar Part No. - D1U54P-W-1200-12-HA3PC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HA3PC MURATA-D1U54P-W-1200-12-HA3PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HA3PC MURATA-PS-D1U54P-W-1200-12-HA3PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HA3PC MURATA-PS-D1U54P-W-1200-12-HA3PC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
2020
More results

Similar Description - D1U54P-W-1200-12-HA3PC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54P MURATA-PS-D1U54P Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HC4PC MURATA-D1U54P-W-1200-12-HC4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54 MURATA-PS-D1U54 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com