Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-32ANH1 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PV-32ANH1
Description  NH photovoltaic fuse links
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-32ANH1 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PV-32ANH1 Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-32ANH1 Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-32ANH1 Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-32ANH1 Datasheet HTML 4Page - Cooper Bussmann, Inc. PV-32ANH1 Datasheet HTML 5Page - Cooper Bussmann, Inc. PV-32ANH1 Datasheet HTML 6Page - Cooper Bussmann, Inc. PV-32ANH1 Datasheet HTML 7Page - Cooper Bussmann, Inc. PV-32ANH1 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technical Data 720133
Effective January 2016
Bussmann series NH photovoltaic fuse links
EATON www.eaton.com
Catalogue symbol
Blade without bolt holes: PV-ratingNH(size)
Blade with bolt holes PV-ratingNH(size)-B
Blade with bolt holes and lugs: PV-ratingNH(size)-BL
Fuse size
NH1, 2 and 3
Technical data
Volts: 1000 V d.c.
Amps: 32 to 400 A
Breaking capacity: 50 kA
Time constant: 1-3mS
Class of operation: gPV and UL PV fuse links
Standards/Agency information
IEC 60269-6
UL 2579 (file number E335324)
CSA listed
RoHS compliant
Microswitches (ordered separately, only for use with
bladed version)
170H0236
170H0238
Fuse holders (ordered separately, only for use with bladed
version)
SD1-D-PV
SD2-D-PV
SD3-D-PV
Packaging
MOQ 3
Table 1. Technical data - Blade without bolt holes
Catalogue
number
Fuse
size
Current
rating
(amps)
Energy integrals
I2t (A2S)
Watts loss
(W)
Pre-
arcing
Total at
1000 V
0.8I
n
I
n
PV-32ANH1
NH1
32
80
720
4
8.5
PV-40ANH1
NH1
40
185
1670
5
9
PV-50ANH1
NH1
50
400
3600
6
11
PV-63ANH1
NH1
63
470
4300
6
12
PV-80ANH1
NH1
80
640
5760
8
15.5
PV-100ANH1
NH1
100
1300
11700
8
16.5
PV-110ANH1
NH1
110
2100
18900
9
18.5
PV-125ANH1
NH1
125
2600
23400
9
17.5
PV-160ANH1
NH1
160
5200
46800
14
27.5
PV-175ANH1
NH1
175
8300
74700
15
29
PV-200ANH1
NH1
200
10200
82000
13
25
PV-160ANH2
NH2
160
4600
37000
14
28
PV-200ANH2
NH2
200
9500
76000
16
32
PV-250ANH2
NH2
250
17000
136000
19
38
PV-300ANH3
NH3
300
32000
260000
24
40
PV-315ANH3
NH3
315
32000
260000
26
44
PV-350ANH3
NH3
350
44500
370000
27
45
PV-355ANH3
NH3
355
44500
370000
28
46
PV-400ANH3
NH3
400
67500
550000
30
50
Dimensions - Blade without bolt holes - mm
NH size 1


Similar Part No. - PV-32ANH1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
More results

Similar Description - PV-32ANH1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
2NHG000B-690 COOPER-2NHG000B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
   XL Fuse bases for XL Style photovoltaic fuse links
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
2NHG000B-690 ETC1-2NHG000B-690 Datasheet
614Kb / 9P
   690 Volts gG/gL NH Fuse links
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
   14 x 65 mm Photovoltaic fuse links
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com