Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD10 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD10
Description  3.3 V RS-485 TRANSCEIVERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD10 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD10 Datasheet HTML 6Page - Texas Instruments SN65HVD10 Datasheet HTML 7Page - Texas Instruments SN65HVD10 Datasheet HTML 8Page - Texas Instruments SN65HVD10 Datasheet HTML 9Page - Texas Instruments SN65HVD10 Datasheet HTML 10Page - Texas Instruments SN65HVD10 Datasheet HTML 11Page - Texas Instruments SN65HVD10 Datasheet HTML 12Page - Texas Instruments SN65HVD10 Datasheet HTML 13Page - Texas Instruments SN65HVD10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
Input
Generator
50
3 V
VO
S1
3 V
1.5 V
1.5 V
tPZL
tPLZ
2.3 V
0.5 V
≈ 3 V
0 V
VOL
VI
VO
Generator: PRR = 500 kHz, 50% Duty Cycle, tr < 6 ns, tf < 6 ns, Zo = 50 Ω
RL = 110 Ω
± 1%
CL = 50 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
D
A
B
DE
VI
≈ 3 V
VID
VA
VB
IO
A
B
IB
VO
R
IA
VIC
VA + VB
2
Input
Generator
50
Generator: PRR = 500 kHz, 50% Duty Cycle, tr < 6 ns, tf < 6 ns, Zo = 50 Ω
VO
1.5 V
0 V
1.5 V
1.5 V
3 V
VOH
VOL
1.5 V
10%
1.5 V
tPLH
tPHL
tr
tf
90%
VI
VO
CL = 15 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
A
B
RE
VI
R
0 V
90%
10%
SN65HVD10-EP,, SN65HVD11-EP
SN65HVD12-EP
SGLS278E – DECEMBER 2004 – REVISED SEPTEMBER 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
Figure 8. Receiver Voltage and Current Definitions
Figure 9. Receiver Switching Test Circuit and Voltage Waveforms
10
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD10-EP SN65HVD11-EP SN65HVD12-EP


Similar Part No. - SN65HVD10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD100 TI1-SN65HVD100 Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
More results

Similar Description - SN65HVD10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com