Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJZM718 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJZM718
Description  DFNWB3횞2-8L-G Plastic-Encapsulate Transistors-MOSFETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJZM718 Datasheet(HTML) 1 Page - ZP Semiconductor

  CJZM718 Datasheet HTML 1Page - ZP Semiconductor CJZM718 Datasheet HTML 2Page - ZP Semiconductor CJZM718 Datasheet HTML 3Page - ZP Semiconductor CJZM718 Datasheet HTML 4Page - ZP Semiconductor CJZM718 Datasheet HTML 5Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DFNWB3×2-8L-G
DFNWB3×2-8L-G Plastic-Encapsulate Transistors-MOSFETS
CJZM718 PNP Transistor and N-ch MOSFET
DESCRIPTIONS
The CJZM718 is Integrated a 20V N-ch MOSFET with low
on-state resistance, and an independently connected PNP transistor
with low collector-to-emitter saturation voltage. This device is
suitable for use in charging circuit and other power management.
FEATURES
High DC current gain
Low Threshold
Small package DFNWB3x2-8L-G
Including a CJP718 transistor and a CJ1012 MOSFET independently in a package
APPLICATIONS
Charging circuit
Other power management in portable equipments
MARKING:
front
back
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
PNP Transistor
VCBO
Collector-Base Voltage
-25
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-7.5
V
IC
Collector Current
-3
A
N-MOSFET
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±6
V
ID
Drain Current -Continuous
0.5
A
IDM
Drain Current - Pulse
2
A
Power Dissipation, Temperature and Thermal Resistance
PD
Power Dissipation
1
W
Thermal Resistance from Junction to Ambient (note1)
175
℃/W
RθJA
Thermal Resistance from Junction to Ambient (note2)
110
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
1 of 5
sales@zpsemi.com
www.zpsemi.com
CJZM718


Similar Part No. - CJZM718

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJZM718 JIANGSU-CJZM718 Datasheet
2Mb / 7P
   N-ch MOSFET and PNP Transistor
More results

Similar Description - CJZM718

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
8820B TUOFENG-8820B Datasheet
3Mb / 4P
   DFN-3x3-8L Plastic-Encapsulate MOSFETS
Feb,2018 V1.0
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
   Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
   Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
   Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
   Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
   Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
   Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
   Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
   Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
   Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com