Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD10-EP Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65HVD10-EP
Description  3.3 V RS-485 TRANSCEIVERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD10-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD10-EP_14 Datasheet HTML 2Page - Texas Instruments SN65HVD10-EP_14 Datasheet HTML 3Page - Texas Instruments SN65HVD10-EP_14 Datasheet HTML 4Page - Texas Instruments SN65HVD10-EP_14 Datasheet HTML 5Page - Texas Instruments SN65HVD10-EP_14 Datasheet HTML 6Page - Texas Instruments SN65HVD10-EP_14 Datasheet HTML 7Page - Texas Instruments SN65HVD10-EP_14 Datasheet HTML 8Page - Texas Instruments SN65HVD10-EP_14 Datasheet HTML 9Page - Texas Instruments SN65HVD10-EP_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
SN65HVD10-EP,, SN65HVD11-EP
SN65HVD12-EP
SGLS278E – DECEMBER 2004 – REVISED SEPTEMBER 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
HVD10
5
8.5
16
tPLH
Propagation delay time, low-to-high level output
HVD11
18
25
40
ns
HVD12
135
200
330
HVD10
5
8.5
16
tPHL
Propagation delay time, high-to-low level output
HVD11
18
25
40
ns
HVD12
135
200
330
HVD10
3
4.5
11.5
RL = 54 Ω, CL = 50 pF,
tr
Differential output signal rise time
HVD11
10
20
30
ns
See Figure 5
HVD12
100
170
330
HVD10
3
4.5
11.5
tf
Differential output signal fall time
HVD11
10
20
30
ns
HVD12
100
170
330
HVD10
1.5
tsk(p)
Pulse skew (|tPHL - tPLH|)
HVD11
2.5
ns
HVD12
9
HVD10
6
tsk(pp)
(2)
Part-to-part skew
HVD11
11
ns
HVD12
100
HVD10
33
Propagation delay time, high impedance-to-high
tPZH
HVD11
55
ns
level output
HVD12
320
RL = 110 Ω, RE at 0 V,
See Figure 6
HVD10
26
Propagation delay time, high
tPHZ
HVD11
55
ns
level-to-high-impedance output
HVD12
320
HVD10
26
Propagation delay time, high
tPZL
HVD11
55
ns
impedance-to-low-level output
HVD12
320
RL = 110 Ω, RE at 0 V,
See Figure 7
HVD10
26
Propagation delay time, low
tPLZ
HVD11
75
ns
level-to-high-impedance output
HVD12
420
I and
6
Propagation delay time, standby-to-high-level
RL = 110 Ω, RE at 3 V,
Q-temp
tPZH
μs
output
See Figure 6
M-temp
14
I and
6
Propagation delay time, standby-to-low-level
RL = 110 Ω, RE at 3 V,
Q-temp
tPZL
μs
output
See Figure 7
M-temp
14
(1)
All typical values are at 25
°C and with a 3.3 V supply.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD10-EP SN65HVD11-EP SN65HVD12-EP


Similar Part No. - SN65HVD10-EP_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD10-EP_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com